Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9053 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9053
Description  Flexible High-Power System PMIC with Switching USB Power Manager
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9053 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9053 Datasheet HTML 17Page - Dialog Semiconductor DA9053 Datasheet HTML 18Page - Dialog Semiconductor DA9053 Datasheet HTML 19Page - Dialog Semiconductor DA9053 Datasheet HTML 20Page - Dialog Semiconductor DA9053 Datasheet HTML 21Page - Dialog Semiconductor DA9053 Datasheet HTML 22Page - Dialog Semiconductor DA9053 Datasheet HTML 23Page - Dialog Semiconductor DA9053 Datasheet HTML 24Page - Dialog Semiconductor DA9053 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 183 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
21 of 183
© 2016 Dialog Semiconductor
Note 1
For VSUPPLY < 1.5 V the source current for min 0.8 * VDD is limited to 0.5 mA. It is good practice to
allow a 10 % voltage margin when running at maximum temperatures to allow for worse case process
variation.
5.5
GPIO Characteristics
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC, VDD_REF = 2.8 V to 5.5 V.
Table 8: GPIO Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Sink current capability
GPO 14, 15
VGPIO = 0.1 V
30 Note 1
mA
Sink current capability
GPO 10,11
VGPIO = 0.5 V
15
mA
Source current capability
GPO 10,11,14,15
VGPIO = VDD_IO1/2 - 0.5 V
-4 Note 2
mA
Sink current capability
GPO 0…9, 12…13
VGPIO = 0.3 V
1
mA
Source current capability
GPO 0…9, 12…13
VGPIO = VDD_IO1/2 - 0.5 V
-1 Note 2
mA
GPO pull-up resistor
Note 3
= 1.5 V
VDD_IO1/2
= 1.8 V
= 3.3 V
100
70
25
180
120
40
300
170
60
k
D+/D- input impedance
10
2
M

pF
Note 1
At low VDD_REF values and high temperatures, the sink current capability will be reduced.
Note 2
For VDD_IO1/2 < 1.5 V the source current for min 0.8 * VDD is limited to 0.8 mA.
Note 3
V(PAD) = 0 V.
5.6
Power on Reset
Table 9: Power on Reset Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Deep discharge
lockout lower
threshold
VPOR_LOWER
2.0
V
Deep discharge
lockout upper
threshold
VPOR_UPPER
2.5
V
Under voltage lower
threshold
VDD_FAULT_LOWER
2.8
2.8
3.15
V
Under voltage lower
threshold accuracy
VDD_FAULT_LOWER accuracy
+/-2
%
Under voltage upper
threshold
VDD_FAULT_UPPER
VDD_FAULT_LOWER + 0.15
V
Charger buck under
voltage
VDDOUT_MIN
3.35
3.40
3.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com