Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9061 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9061
Description  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 17Page - Dialog Semiconductor DA9061 Datasheet HTML 18Page - Dialog Semiconductor DA9061 Datasheet HTML 19Page - Dialog Semiconductor DA9061 Datasheet HTML 20Page - Dialog Semiconductor DA9061 Datasheet HTML 21Page - Dialog Semiconductor DA9061 Datasheet HTML 22Page - Dialog Semiconductor DA9061 Datasheet HTML 23Page - Dialog Semiconductor DA9061 Datasheet HTML 24Page - Dialog Semiconductor DA9061 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
21 of 82
© 2016 Dialog Semiconductor
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Turn-on time
tON
VBUCK = 1.35 V
BUCK_SLOWSTART =
disabled
SLEW_RATE = 10 mV/1 µs
BUCK3_ILIM = 1500 mA
0.39
1.2
ms
Output pull-down
resistance
RPD
VBUCK = 0.5 V, disabled via
BUCK3_PD_DIS
100
200
Ω
PMOS ON resistance
RPMOS
Including pin and routing
VSYS = 3.6 V
150
m
Ω
NMOS ON resistance
RNMOS
Including pin and routing
VSYS = 3.6 V
60
m
Ω
PFM mode
Output voltage
VBUCK_PFM
Programmable in 10 mV
steps. Output voltages below
0.7 V force the buck to stay
in PFM mode.
0.53
1.8
V
Mode transition current
threshold (PFM to
PWM) in AUTO mode
IAUTO_THR
VIN = 3.6 V
VBUCK = 1.35 V
RTRACK ~ 45 mΩ
including bondwire, PCB,
and inductor ESR
400
mA
Output current
IOUT_PFM
300
mA
Current limit
ILIM_PFM
1000
mA
Quiescent current
IQ_PFM
Forced PFM mode
IOUT = 0 mA
22
25
µA
AUTO mode
IOUT = 0 mA
30
35
Mode transition time
tAUTO
AUTO mode
6
µs
Note 1
Minimum tolerance 35 mV
Internal oscillator
4.6
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC, VSYS = 2.8 to 5.5 V.
Table 14: Internal oscillator electrical characteristics
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Oscillator frequency
fOSC
5.7
6
6.3
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com