Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9061 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA9061
Description  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 35Page - Dialog Semiconductor DA9061 Datasheet HTML 36Page - Dialog Semiconductor DA9061 Datasheet HTML 37Page - Dialog Semiconductor DA9061 Datasheet HTML 38Page - Dialog Semiconductor DA9061 Datasheet HTML 39Page - Dialog Semiconductor DA9061 Datasheet HTML 40Page - Dialog Semiconductor DA9061 Datasheet HTML 41Page - Dialog Semiconductor DA9061 Datasheet HTML 42Page - Dialog Semiconductor DA9061 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
39 of 82
© 2016 Dialog Semiconductor
POWERDOWN mode
6.8.3
The POWERDOWN mode is a low-power state where most of the regulators are disabled. The
transition from active to POWERDOWN mode (and vice versa) is handled by the programmable
sequencer. Entry to POWERDOWN mode from ACTIVE mode is triggered by the de-assertion of
SYSTEM_EN (either via SYS_EN or register access) or by a short press of nONKEY. The
POWERDOWN mode is also passed during start-up and shutdown to RESET mode sequences.
In POWERDOWN mode the internal supplies are enabled, and the control interface and GPIOs are
operational.
The power state machine features a retry counter that limits the number of transitions from
POWERDOWN to ACTIVE under certain conditions. A watchdog timeout triggers POWERDOWN
mode entry, but it does not necessarily clear the conditions that trigger a transition back to the
ACTIVE mode. This could cause an endless loop between the ACTIVE and POWERDOWN modes.
Therefore, after each watchdog timeout the retry counter is decremented, and after the retry counter
reaches zero, DA9061 blocks all wakeup events and stays in POWERDOWN mode. This freeze
function can be regarded as a substate of the POWERDOWN mode that is undetectable from
outside the DA9061.
Table 22 describes the state transitions with a level-sensitive wakeup and the freeze function.
Table 22: State transitions with a level-sensitive (LS) GPI
Current state
LS GPI
SYS_EN
PWR_EN
Freeze
Note 2
Next state
POWERDOWN
x
x
x
1
POWERDOWN
POWERDOWN
0
0
x
0
POWERDOWN
POWERDOWN
x
1
0
0
SYSTEM
POWERDOWN
x
1
1
0
ACTIVE
POWERDOWN
1
x
0
0
SYSTEM
POWERDOWN
1
x
1
0
ACTIVE
SYSTEM
0
0
x
x
POWERDOWN
SYSTEM
x
1
0
x
SYSTEM
SYSTEM
x
1
1
x
ACTIVE
SYSTEM
1
x
0
x
SYSTEM
SYSTEM
1
x
1
x
ACTIVE
ACTIVE
0
0
x
x
POWERDOWN
ACTIVE
x
1
0
x
SYSTEM
ACTIVE
x
1
1
x
ACTIVE
ACTIVE
1
x
0
x
SYSTEM
ACTIVE
1
x
1
x
ACTIVE
Note 2
In this table, “Freeze” represents the result of the comparison retry count = 0.
The following events will reset the retry counter and release the state machine from the freeze state:
● De-assertion of all blocked level-sensitive wakeup conditions
● Entry to the RESET mode (over-temperature error, nRESETREQ or long press of nONKEY)
The freeze operation is illustrated in Figure 17. Once the freeze state is cleared, DA9061 continues
operating normally. The freeze function can be enabled in the FREEZE_EN register and the number
of retries triggering the freeze can be configured in NFREEZE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com