Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA9062
Description  Entry level PMIC for applications requiring up to 8.5 A
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9062 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA9062 Datasheet HTML 7Page - Dialog Semiconductor DA9062 Datasheet HTML 8Page - Dialog Semiconductor DA9062 Datasheet HTML 9Page - Dialog Semiconductor DA9062 Datasheet HTML 10Page - Dialog Semiconductor DA9062 Datasheet HTML 11Page - Dialog Semiconductor DA9062 Datasheet HTML 12Page - Dialog Semiconductor DA9062 Datasheet HTML 13Page - Dialog Semiconductor DA9062 Datasheet HTML 14Page - Dialog Semiconductor DA9062 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
DA9062
Entry level PMIC for applications requiring up to 8.5 A
Datasheet
Revision 3.2
18-Feb-2015
11 of 93
© 2016 Dialog Semiconductor
4.2
Watchdog
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC, VSYS = 2.8 to 5.5 V.
Table 6: Watchdog electrical characteristics
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Minimum watchdog time
tWDMIN
External 32 kHz oscillator
110
ms
Internal 25 kHz oscillator
200
ms
Maximum watchdog time
tWDMAX
External 32 kHz oscillator
2
s
Internal 25 kHz oscillator
2.5
s
Minimum assert time of
WDKICK
tWDKICKMIN
150
µs
4.3
2-wire interface
Figure 3: 2-wire interface timing
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC, VSYS = 2.8 to 5.5 V.
STOP
SDA
SCL
tF
tR
tF
START
tH_STA
tH_D
1/fSCL
VIH
VIL
VIH
VIL
tSU_D
tLOW
tHIGH
tVD_D
ACK
tVD_ACK
tSU_STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com