Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA9062
Description  Entry level PMIC for applications requiring up to 8.5 A
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9062 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA9062 Datasheet HTML 35Page - Dialog Semiconductor DA9062 Datasheet HTML 36Page - Dialog Semiconductor DA9062 Datasheet HTML 37Page - Dialog Semiconductor DA9062 Datasheet HTML 38Page - Dialog Semiconductor DA9062 Datasheet HTML 39Page - Dialog Semiconductor DA9062 Datasheet HTML 40Page - Dialog Semiconductor DA9062 Datasheet HTML 41Page - Dialog Semiconductor DA9062 Datasheet HTML 42Page - Dialog Semiconductor DA9062 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
DA9062
Entry level PMIC for applications requiring up to 8.5 A
Datasheet
Revision 3.2
18-Feb-2015
39 of 93
© 2016 Dialog Semiconductor
7.6
LDOs
All LDOs employ Dialog Semiconductor’s Smart Mirror™ dynamic biasing technology, see Figure 18,
which maintains high performance over a wide range of operating conditions and a power saving
mode (SLEEP mode) to minimise the quiescent current during very low output current. The circuit
technique offers significantly higher gain bandwidth performance than conventional designs, enabling
higher power supply rejection performance at higher frequencies. PSRR is maintained across the full
operating current range however quiescent current consumption is scaled to demand improved
efficiency when current demand is low.
Figure 18: Smart Mirror
TM voltage regulator
7.6.1
Control
The LDOs can be enabled by writing directly to a control bit (LDO<x>_EN), controlling it via a GPI,
see Section 7.3.1.1, or assigning it to a power sequencer step, see Section 7.9.2. Each LDO features
two voltage control registers (VLDO<x>_A/VLDO<x>_B) that allow two output voltage pre-
configurations. The active setting can then be selected either with a control bit (VLDO<x>_SEL), via
a GPI, see Section 7.3.1.1, or automatically based on the DA9062 power mode. The SLEEP mode of
the LDOs can be linked to either the A or B setting (LDO<x>_SL_A/LDO<x>_SL_B). Therefore, the
LDO will switch to SLEEP mode when the setting is active.
LDO1 differs from the other LDOs because it can be configured as an always-on regulator. This
means that it is also enabled in RESET mode, see Section 7.8.3.
7.6.2
Current limit
Each LDO provides over-current detection. The current limit is fixed for each LDO based on their
current capability. If any of the LDOs’ current limit is exceeded for longer than 10 ms, an event,
E_LDO_LIM, is triggered. The status of the limit comparator can be observed from LDO<x>_ILIM
(reg. STATUS_D)
. If an LDO’s current limit is exceeded for longer than 200 ms, the LDO is
automatically disabled. This shutdown feature can be disabled by clearing the LDO_SD control.
Once disabled due to an over-current, the LDO must be re-enabled by one of the sources described
in Section 7.6.1.
7.6.3
Output pull-down
When overvoltage (1.06 * VLDOx) occurs, the voltage regulators enable an internal load to discharge
the output back to its configured voltage. This feature can be disabled in LDO<x>_PD_DIS.
Vout
Cout
ESR
Vin
Smart Mirror
TM LDO
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com