Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9211 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 7Page - Dialog Semiconductor DA9211 Datasheet HTML 8Page - Dialog Semiconductor DA9211 Datasheet HTML 9Page - Dialog Semiconductor DA9211 Datasheet HTML 10Page - Dialog Semiconductor DA9211 Datasheet HTML 11Page - Dialog Semiconductor DA9211 Datasheet HTML 12Page - Dialog Semiconductor DA9211 Datasheet HTML 13Page - Dialog Semiconductor DA9211 Datasheet HTML 14Page - Dialog Semiconductor DA9211 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
11 of 74
© 2015 Dialog Semiconductor GmbH
9.
Absolute maximum ratings
Table 4: Absolute maximum ratings (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TSTG
Storage temperature
-65
+165
°C
TA_LIM
Limiting ambient
temperature
-40
+85
°C
VDD_LIM
Limiting supply voltage
-0.3
5.5
V
VPIN
Limiting voltage at all
pins except above
-0.3
VDD + 0.3
(max 5.5)
V
PTOT
total power dissipation
(Note 2)
derating factor above
TA = 70°C: 23 mW/°C
1265
1610
mW
VESD_HBM
Electrostatic discharge
voltage
Human Body Model
2
kV
Note 1
Stresses beyond those listed under
‘Absolute maximum ratings’ may cause permanent damage
to the device. These are stress ratings only, so functional operation of the device at these or any
other conditions beyond those indicated in the operational sections of the specification are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Note 2
Obtained from simulation on a 2S2P 4L JEDEC Board (EIA/JESD51-2). Influenced by PCB
technology and layout
10. Recommended operating conditions
Table 5: Recommended operating conditions (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
2.8
5.5
V
VDDIO
Input/output supply voltage
1.2
3.6
(Note
2)
V
Note 1
Within the specified limits, a life time of 10 years is guaranteed
Note 2
VDDIO is not allowed to be higher than VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com