Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9211 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 25Page - Dialog Semiconductor DA9211 Datasheet HTML 26Page - Dialog Semiconductor DA9211 Datasheet HTML 27Page - Dialog Semiconductor DA9211 Datasheet HTML 28Page - Dialog Semiconductor DA9211 Datasheet HTML 29Page - Dialog Semiconductor DA9211 Datasheet HTML 30Page - Dialog Semiconductor DA9211 Datasheet HTML 31Page - Dialog Semiconductor DA9211 Datasheet HTML 32Page - Dialog Semiconductor DA9211 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
29 of 74
© 2015 Dialog Semiconductor GmbH
As shown in Figure 32, a typical application case includes a host processor, a Main PMIC (for
example, DA9063) and DA9211 or DA9212 used as companion IC for the high power core supply.
The easiest way of controlling DA9211 and DA9212 is through the Control Interface. The master
initiating the communication must always be the host processor that reads and writes to the main
PMIC, and to the DA9211 and DA9212 registers. To poll the status of DA9211 or DA9212, the host
processor must access the dedicated register area through the Control Interface. DA9211 and
DA9212 can be additionally controlled by means of hardware inputs.
VDD_A1
VSYS
VSS_ANA
VIN
LX_A1
FBAP
FBAN
AC_OK (GPIO2)
Power Good (GPIO3)
DA9211
CPU /
GPU /
DDR
CORE
EN (GPI0)
VSEL (GPI1)
nIRQ
SCL
SDA
VDDIO
Vcharger
Ext Supply
DA9063
(PMIC)
SENSE+
SENSE-
VDDIO
I2C_ADDR_SEL (GPI4)
LP_MODE
IC_EN
GPIO9 (seq)
VDD_A2
VDD_B1
VDD_B2
LX_A2
LX_B1
LX_B2
Figure 33: Typical application of DA9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com