Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14583 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA14583
Description  Low Power Bluetooth Smart SoC with Flash memory
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14583 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA14583 Datasheet HTML 17Page - Dialog Semiconductor DA14583 Datasheet HTML 18Page - Dialog Semiconductor DA14583 Datasheet HTML 19Page - Dialog Semiconductor DA14583 Datasheet HTML 20Page - Dialog Semiconductor DA14583 Datasheet HTML 21Page - Dialog Semiconductor DA14583 Datasheet HTML 22Page - Dialog Semiconductor DA14583 Datasheet HTML 23Page - Dialog Semiconductor DA14583 Datasheet HTML 24Page - Dialog Semiconductor DA14583 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
© 2014 Dialog Semiconductor
21
Target - March 06, 2015 v1.1
0x5000302E
P14_MODE_REG
P14 Mode Register
0x50003030
P15_MODE_REG
P15 Mode Register
0x50003040
P2_DATA_REG
P2 Data input / output register
0x50003042
P2_SET_DATA_REG
P2 Set port pins register
0x50003044
P2_RESET_DATA_REG
P2 Reset port pins register
0x50003046
P20_MODE_REG
P20 Mode Register
0x50003048
P21_MODE_REG
P21 Mode Register
0x5000304A
P22_MODE_REG
P22 Mode Register
0x5000304C
P23_MODE_REG
P23 Mode Register
0x5000304E
P24_MODE_REG
P24 Mode Register
0x50003050
P25_MODE_REG
P25 Mode Register
0x50003052
P26_MODE_REG
P26 Mode Register
0x50003054
P27_MODE_REG
P27 Mode Register
0x50003056
P28_MODE_REG
P28 Mode Register
0x50003058
P29_MODE_REG
P29 Mode Register
0x50003070
P01_PADPWR_CTRL_REG
Ports 0 and 1 Output Power Control Register
0x50003072
P2_PADPWR_CTRL_REG
Port 2 Output Power Control Register
0x50003100
WATCHDOG_REG
Watchdog timer register.
0x50003102
WATCHDOG_CTRL_REG
Watchdog control register.
0x50003200
CHIP_ID1_REG
Chip identification register 1.
0x50003201
CHIP_ID2_REG
Chip identification register 2.
0x50003202
CHIP_ID3_REG
Chip identification register 3.
0x50003203
CHIP_SWC_REG
Software compatibility register.
0x50003204
CHIP_REVISION_REG
Chip revision register.
0x50003205
CHIP_CONFIG1_REG
Chip configuration register 1.
0x50003206
CHIP_CONFIG2_REG
Chip configuration register 2.
0x50003207
CHIP_CONFIG3_REG
Chip configuration register 3.
0x5000320A
CHIP_TEST1_REG
Chip test register 1.
0x5000320B
CHIP_TEST2_REG
Chip test register 2.
0x50003300
SET_FREEZE_REG
Controls freezing of various timers/counters.
0x50003302
RESET_FREEZE_REG
Controls unfreezing of various timers/counters.
0x50003304
DEBUG_REG
Various debug information register.
0x50003306
GP_STATUS_REG
General purpose system status register.
0x50003308
GP_CONTROL_REG
General purpose system control register.
0x50003400
TIMER0_CTRL_REG
Timer0 control register
0x50003402
TIMER0_ON_REG
Timer0 on control register
0x50003404
TIMER0_RELOAD_M_REG
16 bits reload value for Timer0
0x50003406
TIMER0_RELOAD_N_REG
16 bits reload value for Timer0
0x50003408
PWM2_DUTY_CYCLE
Duty Cycle for PWM2
0x5000340A
PWM3_DUTY_CYCLE
Duty Cycle for PWM3
0x5000340C
PWM4_DUTY_CYCLE
Duty Cycle for PWM4
0x5000340E
TRIPLE_PWM_FREQUENCY
Frequency for PWM 2,3 and 4
0x50003410
TRIPLE_PWM_CTRL_REG
PWM 2 3 4 Control
Table 4: Register map
Address
Port
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com