Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14583 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA14583
Description  Low Power Bluetooth Smart SoC with Flash memory
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14583 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA14583 Datasheet HTML 35Page - Dialog Semiconductor DA14583 Datasheet HTML 36Page - Dialog Semiconductor DA14583 Datasheet HTML 37Page - Dialog Semiconductor DA14583 Datasheet HTML 38Page - Dialog Semiconductor DA14583 Datasheet HTML 39Page - Dialog Semiconductor DA14583 Datasheet HTML 40Page - Dialog Semiconductor DA14583 Datasheet HTML 41Page - Dialog Semiconductor DA14583 Datasheet HTML 42Page - Dialog Semiconductor DA14583 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 148 page
background image
© 2014 Dialog Semiconductor
39
Target - March 06, 2015 v1.1
1
R/W
ETBEI_DLH1
Interrupt Enable Register: ETBEI, Enable Transmit Holding
Register Empty Interrupt. This is used to enable/disable the
generation of Transmitter Holding Register Empty Interrupt.
This is the third highest priority interrupt. 0 = disabled 1 = ena-
bled Divisor Latch (High): Bit[1] of the 8 bit DLH register.
0x0
0
R/W
ERBFI_DLH0
Interrupt Enable Register: ERBFI, Enable Received Data
Available Interrupt. This is used to enable/disable the genera-
tion of Received Data Available Interrupt and the Character
Timeout Interrupt (if in FIFO mode and FIFO's enabled).
These are the second highest priority interrupts. 0 = disabled
1 = enabled Divisor Latch (High): Bit[0] of the 8 bit DLH regis-
ter.
0x0
Table 64: UART_IER_DLH_REG (0x50001004)
Bit
Mode
Symbol
Description
Reset
Table 65: UART_IIR_FCR_REG (0x50001008)
Bit
Mode
Symbol
Description
Reset
15:0
R/W
IIR_FCR
Interrupt Identification Register, reading this register; FIFO
Control Register, writing to this register. Interrupt Identification
Register: Bits[7:6], FIFO's Enabled (or FIFOSE): This is used
to indicate whether the FIFO's are enabled or disabled. 00 =
disabled. 11 = enabled. Bits[3:0], Interrupt ID (or IID): This
indicates the highest priority pending interrupt which can be
one of the following types: 0000 = modem status. 0001 = no
interrupt pending. 0010 = THR empty. 0100 = received data
available. 0110 = receiver line status. 0111 = busy detect.
1100 = character timeout. Bits[7:6], RCVR Trigger (or RT):.
This is used to select the trigger level in the receiver FIFO at
which the Received Data Available Interrupt will be gener-
ated. In auto flow control mode it is used to determine when
the rts_n signal will be de-asserted. It also determines when
the dma_rx_req_n signal will be asserted when in certain
modes of operation. The following trigger levels are sup-
ported: 00 = 1 character in the FIFO 01 = FIFO 1/4 full 10 =
FIFO 1/2 full 11 = FIFO 2 less than full Bits[5:4], TX Empty
Trigger (or TET): This is used to select the empty threshold
level at which the THRE Interrupts will be generated when the
mode is active. It also determines when the dma_tx_req_n
signal will be asserted when in certain modes of operation.
The following trigger levels are supported: 00 = FIFO empty
01 = 2 characters in the FIFO 10 = FIFO 1/4 full 11 = FIFO 1/
2 full Bit[3], DMA Mode (or DMAM): This determines the DMA
signalling mode used for the dma_tx_req_n and
dma_rx_req_n output signals. 0 = mode 0 1 = mode 1 Bit[2],
XMIT FIFO Reset (or XFIFOR): This resets the control portion
of the transmit FIFO and treats the FIFO as empty. Note that
this bit is 'self-clearing' and it is not necessary to clear this bit.
Bit[1], RCVR FIFO Reset (or RFIFOR): This resets the control
portion of the receive FIFO and treats the FIFO as empty.
Note that this bit is 'self-clearing' and it is not necessary to
clear this bit. Bit[0], FIFO Enable (or FIFOE): This enables/
disables the transmit (XMIT) and receive (RCVR) FIFO's.
Whenever the value of this bit is changed both the XMIT and
RCVR controller portion of FIFO's will be reset.
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com