Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3242 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # EM3242
Description  Angle Sensor IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

EM3242 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  EM3242 Datasheet HTML 1Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 2Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 3Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 4Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 5Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 6Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 7Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 8Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
[EM3242]
<EM3242
Datasheet V1.2>
-2-
April, 2013
4:AOUT
5:VDD
6:TSTA
PDN:3
VSS:2
TSTB:1
0.1
F
Analog Voltage Output
Analog Voltage Output
Power Down Input
Power Supply
VDD(2.7V-3.3V)
Locate close to IC
Functional Blocks
Block name
Function
HE
Hall Elements. These detect X/Y-compositions of flux which is parallel to the IC
package surface by using magnetic concentrator.
PreAmp
This is able to amplify signals from Hall elements.
Angle Detection
&
Sine Wave ROM
Angle Detection makes digital angle data from signals from Hall Elements using Sine
Wave ROM.
DAC
Digital to analog converter for angle output.
PIN Description
No.
Symbol
I/O
Type
Function
1
TSTB
I/O
Analog/Digital
TEST dedicated PIN, which should be connected to the GND in
use.
2
VSS
-
Power
Ground PIN.
3
PDN
I
Analog
Power down PIN. IC is active in the case that PDN is High. IC is
power down in the case that PDN is Low.
4
AOUT
O
Analog
Analog output PIN for angle data. CL: max.200pF(pull-down)
5
VDD
-
Power
Power Supply PIN. 0.1uF Ceramic Capacitor is required between
Vss for stabilization. If Capacitor has magnetism, separate it
around 10mm from IC.
6
TSTA
I/O
Analog
TEST dedicated PIN, which should be connected to the GND in
use.
Application Circuit
*Bypass capacitor must be inserted between VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com