Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3242 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # EM3242
Description  Angle Sensor IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

EM3242 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

  EM3242 Datasheet HTML 1Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 2Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 3Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 4Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 5Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 6Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 7Page - Asahi Kasei Microsystems EM3242 Datasheet HTML 8Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
[EM3242]
<EM3242
Datasheet V1.2>
-6-
April, 2013
Magnet Direction and Output Voltage
Marking side defines the N polar as 0°, the Output Voltage (AOUT) increases as the magnet rotates
counterclockwise. In other words, it decreases as the magnet rotates clockwise.
0.1VDD
B<10mT or B>60mT
Error output level 0 to 0.2V
Error signal
Output Voltage
Rotation Angle
180°
360°
0.9VDD
0.5VDD
VDD
90°
N
S
N
S
90°
N
S
N
S
N
S
N
S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com