Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACST8
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST8 Datasheet(HTML) 1 Page - STMicroelectronics

  ACST8 Datasheet HTML 1Page - STMicroelectronics ACST8 Datasheet HTML 2Page - STMicroelectronics ACST8 Datasheet HTML 3Page - STMicroelectronics ACST8 Datasheet HTML 4Page - STMicroelectronics ACST8 Datasheet HTML 5Page - STMicroelectronics ACST8 Datasheet HTML 6Page - STMicroelectronics ACST8 Datasheet HTML 7Page - STMicroelectronics ACST8 Datasheet HTML 8Page - STMicroelectronics ACST8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
1/10
ACST8
November 2004
MAIN APPLICATIONS
■ AC static switching in appliance & industrial
control systems
■ Washing machine with bi-rotational induction
motor drive
■ Induction motor drive for:
- refrigerator / freezer compressor
- air conditioning compressor
FEATURES
■ VDRM /VRRM = +/- 800V
■ Avalanche controlled device
■ IT(RMS) = 8A with TCASE = 90 °C
■ High noise immunity: static dV/dt > 750 V/µs
■ Gate triggering current : IGT < 30 mA
■ Snubberless turn off commutation:
(dI/dt)c > 4.5A/ms
BENEFITS
■ Enables equipment to meet EN61000-4-5
standard
■ High off-state reliability with planar technology
■ Need no external overvoltage protection
■ Reduces the power component count
DESCRIPTION
The ACST8-8C belongs to the AC power switch
family built around the ASD
TM technology. This
high performance device is adapted to home appli-
ances or industrial systems and drives an induc-
tion motor up to 8A.
This ACST switch embeds a triac structure with a
high voltage clamping device to absorb the induc-
tive turn off energy and withstand line transients
such as those described in the IEC61000-4-5
standards.
OVER VOLTAGE PROTECTED
AC POWER SWITCH
COM
OUT
OUT
G
TO-220FPAB
ACST8-8CFP
TO-220AB
ACST8-8CT
G
OUT
COM
D2PAK
ACST8-8CG
COM
OUT
G
Table 1: Order Codes
Part Number
Marking
ACST8-8CFP
ACST88C
ACST8-8CT
ACST8-8CG
Figure 1: Functional Diagram
G
COM
OUT
TM: ASD is a trademark of STMicroelectronics.
REV. 6
ASD™
(AC Switch Family)


Similar Part No. - ACST8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST8 STMICROELECTRONICS-ACST8 Datasheet
172Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
OVER VOLTAGE PROTECTED AC POWER SWITCH
Jan-2002
ACST8-8CFP STMICROELECTRONICS-ACST8-8CFP Datasheet
86Kb / 8P
OVER VOLTAGE PROTECTED AC POWER SWITCH
Jan-2002
ACST830-8FP STMICROELECTRONICS-ACST830-8FP Datasheet
172Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST830-8FPTR STMICROELECTRONICS-ACST830-8FPTR Datasheet
172Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
More results

Similar Description - ACST8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
09-May-2005
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
logo
STMicroelectronics
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
AC switch family Transient voltage protected AC Switch (ACSTM)
05-Jan-2005
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
logo
STMicroelectronics
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
OVER VOLTAGE PROTECTED AC POWER SWITCH
Jan-2002
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
AC switch family Transient voltage protected AC Switch (ACS)
07-Jun-2006
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
Transient protected AC power switch
02-Dec-2008
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_14 Datasheet
63Kb / 4P
Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com