Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST8 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACST8
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST8 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ACST8 Datasheet HTML 2Page - STMicroelectronics ACST8 Datasheet HTML 3Page - STMicroelectronics ACST8 Datasheet HTML 4Page - STMicroelectronics ACST8 Datasheet HTML 5Page - STMicroelectronics ACST8 Datasheet HTML 6Page - STMicroelectronics ACST8 Datasheet HTML 7Page - STMicroelectronics ACST8 Datasheet HTML 8Page - STMicroelectronics ACST8 Datasheet HTML 9Page - STMicroelectronics ACST8 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACST8
6/10
Figure
8:
Relative
variation
of
thermal
impedance versus pulse duration (TO-220AB /
D2PAK)
Figure 9: On-state characteristics (maximum
values)
Figure 10: Surge peak on-state current versus
number of cycles
Figure 11: Non repetitive surge peak on-state
current for a sinusoidal pulse with width tp <
10ms, and corresponding value of I2t
Figure 12: Relative variation of gate trigger
current, holding current and latching current
versus junction temperature (typical values)
Figure 13: Relative variation of critical rate of
decrease of main current versus reapplied dV/
dt (typical values)
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
TO-220AB/D PAK
2
K=[Z /R ]
th
th
t (°C)
p
Zth(j-c)
Zth(j-a)
1
10
100
01
234
56
Tj=25°C
Tj=125°C
Tj max. :
Vto = 0.95 V
Rd = 50 m
Ω
I
(A)
out
t (°C)
p
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
Non repetitive
Tj initial=25°C
Repetitive
Tc=90°C
t=20ms
I
(A)
TSM
Number of cycles
10
100
1000
0.01
0.10
1.00
10.00
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25°C
j
ITSM
I t
2
dI/dt limitation:
100A/µs
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40 -30 -20 -10
0
10
20 30
40
50
60 70
80
90 100 110 120 130
IGT & IH
IL
I,
, [T
,
GT I
I
/I
I , I [T =25°C]
HL
jGT
H
L
j
T (°C)
j
0
1
2
3
4
5
0.1
1.0
10.0
100.0
(dI/dt)c[(dV/dt)c] / Specified (dI/dt)c
dV/dt(V/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com