Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1085 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1085
Description  3A Low Dropout Positive Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1085 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1085 Datasheet HTML 1Page - National Semiconductor (TI) LM1085 Datasheet HTML 2Page - National Semiconductor (TI) LM1085 Datasheet HTML 3Page - National Semiconductor (TI) LM1085 Datasheet HTML 4Page - National Semiconductor (TI) LM1085 Datasheet HTML 5Page - National Semiconductor (TI) LM1085 Datasheet HTML 6Page - National Semiconductor (TI) LM1085 Datasheet HTML 7Page - National Semiconductor (TI) LM1085 Datasheet HTML 8Page - National Semiconductor (TI) LM1085 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Maximum Input to Output Voltage Differential
LM1085-ADJ
29V
LM1085-12
18V
LM1085-3.3
27V
LM1085-5.0
25V
Power Dissipation (Note 2)
Internally Limited
Junction Temperature (T
J)(Note 3)
150˚C
Storage Temperature Range
-65˚C to 150˚C
Lead Temperature
260˚C, to 10 sec
ESD Tolerance (Note 4)
2000V
Operating Ratings (Note 1)
Junction Temperature Range (T
J) (Note 3)
Control Section
−40˚C to 125˚C
Output Section
−40˚C to 150˚C
Electrical Characteristics
Typicals and limits appearing in normal type apply for T
J = 25˚C. Limits appearing in Boldface type apply over the entire junc-
tion temperature range for operation.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
REF
Reference Voltage
LM1085-ADJ
I
OUT = 10mA, VIN−VOUT =3V
10mA
≤I
OUT
≤ I
FULL LOAD,1.5V
≤ (V
IN−VOUT)
≤ 15V
(Note 7)
1.238
1.225
1.250
1.250
1.262
1.270
V
V
V
OUT
Output Voltage
(Note 7)
LM1085-3.3
I
OUT = 0mA, VIN =5V
0
≤ I
OUT
≤I
FULL LOAD, 4.8V
≤ V
IN
≤15V
3.270
3.235
3.300
3.300
3.330
3.365
V
V
LM1085-5.0
I
OUT = 0mA, VIN =8V
0
≤ I
OUT
≤ I
FULL LOAD, 6.5V
≤ V
IN
≤ 20V
4.950
4.900
5.000
5.000
5.050
5.100
V
V
LM1085-12
I
OUT = 0mA, VIN = 15V
0
≤ I
OUT
≤ I
FULL LOAD, 13.5V
≤ V
IN
≤ 25V
11.880
11.760
12.000
12.000
12.120
12.240
V
V
∆V
OUT
Line Regulation
(Note 8)
LM1085-ADJ
I
OUT =10mA, 1.5V
≤ (V
IN-VOUT)
≤ 15V
0.015
0.035
0.2
0.2
%
%
LM1085-3.3
I
OUT = 0mA, 4.8V
≤ V
IN
≤ 15V
0.5
1.0
6
6
mV
mV
LM1085-5.0
I
OUT = 0mA, 6.5V
≤ V
IN
≤ 20V
0.5
1.0
10
10
mV
mV
LM1085-12
I
OUT =0mA, 13.5V
≤ V
IN
≤ 25V
1.0
2.0
25
25
mV
mV
∆V
OUT
Load Regulation
(Note 8)
LM1085-ADJ
(V
IN-V OUT) = 3V, 10mA
≤ I
OUT
≤ I
FULL LOAD
0.1
0.2
0.3
0.4
%
%
LM1085-3.3
V
IN = 5V, 0
≤ I
OUT
≤ I
FULL LOAD
3
7
15
20
mV
mV
LM1085-5.0
V
IN = 8V, 0
≤ I
OUT
≤ I
FULL LOAD
5
10
20
35
mV
mV
LM1085-12
V
IN = 15V, 0
≤ I
OUT
≤ I
FULL LOAD
12
24
36
72
mV
mV
Dropout Voltage
(Note 9)
LM1085-ADJ, 3.3, 5, 12
∆V
REF,
∆V
OUT = 1%, IOUT =3A
1.3
1.5
V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com