Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1085 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1085
Description  3A Low Dropout Positive Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1085 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1085 Datasheet HTML 1Page - National Semiconductor (TI) LM1085 Datasheet HTML 2Page - National Semiconductor (TI) LM1085 Datasheet HTML 3Page - National Semiconductor (TI) LM1085 Datasheet HTML 4Page - National Semiconductor (TI) LM1085 Datasheet HTML 5Page - National Semiconductor (TI) LM1085 Datasheet HTML 6Page - National Semiconductor (TI) LM1085 Datasheet HTML 7Page - National Semiconductor (TI) LM1085 Datasheet HTML 8Page - National Semiconductor (TI) LM1085 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM1085
3A Low Dropout Positive Regulators
General Description
The LM1085 is a series of low dropout positive voltage
regulators with a maximum dropout of 1.5V at 3A of load
current. It has the same pin-out as National Semiconductor’s
industry standard LM317.
The LM1085 is available in an adjustable version, which can
set the output voltage with only two external resistors. It is
also available in three fixed voltages: 3.3V, 5.0V and 12.0V.
The fixed versions integrate the adjust resistors.
The LM1085 circuit includes a zener trimmed bandgap ref-
erence, current limiting and thermal shutdown.
The LM1085 series is available in TO-220 and TO-263 pack-
ages. Refer to the LM1084 for the 5A version, and the
LM1086 for the 1.5A version.
Features
n
Available in 3.3V, 5.0V, 12V and Adjustable Versions
n
Current Limiting and Thermal Protection
n
Output Current
3A
n
Line Regulation
0.015% (typical)
n
Load Regulation
0.1% (typical)
Applications
n
High Efficiency Linear Regulators
n
Battery Charger
n
Post Regulation for Switching Supplies
n
Constant Current Regulator
n
Microprocessor Supply
Connection Diagrams
TO-220
10094702
Top View
TO-263
10094704
Top View
Basic Functional Diagram,
Adjustable Version
10094765
Application Circuit
10094752
1.2V to 15V Adjustable Regulator
June 2005
© 2005 National Semiconductor Corporation
DS100947
www.national.com


Similar Part No. - LM1085

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
LM1085 TI-LM1085 Datasheet
2Mb / 22P
The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
LM1085 TI1-LM1085 Datasheet
2Mb / 29P
3-A Low Dropout Positive Regulators
logo
Seme LAB
LM1085-05-220M SEME-LAB-LM1085-05-220M Datasheet
35Kb / 3P
LOW DROPOUT 3 AMP POSITIVE
More results

Similar Description - LM1085

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Microsemi Corporation
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
LM1085 3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
3A Low Dropout Positive Regulators
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
3A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com