Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8369 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8369
Description  45 dB Digitally Controlled VGA LF to 600 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8369 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8369 Datasheet HTML 9Page - Analog Devices AD8369 Datasheet HTML 10Page - Analog Devices AD8369 Datasheet HTML 11Page - Analog Devices AD8369 Datasheet HTML 12Page - Analog Devices AD8369 Datasheet HTML 13Page - Analog Devices AD8369 Datasheet HTML 14Page - Analog Devices AD8369 Datasheet HTML 15Page - Analog Devices AD8369 Datasheet HTML 16Page - Analog Devices AD8369 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. 0
AD8369
–13–
Gm CELLS
GAIN STEP SELECTION
DIGITAL
3dB SWITCHED
ATTENUATOR
BIAS
FIXED
GAIN
INLO
CMDC
INHI
20pF
22pF
OPLO
OPHI
VS
VS
VS/2
VS/2
100
100
~
VS
2
– 0.7
Figure 1. General Block Diagram, Control and Signal Paths Are Differential
THEORY OF OPERATION
The AD8369 is a digitally controlled fully differential VGA
based on a variation of Analog Devices’ patented X-AMP archi-
tecture (Figure 1). It provides accurate gain control over a 45 dB
span with a constant –3 dB bandwidth of 600 MHz.
The 3 dB gain steps can be controlled by a user-selectable
parallel- or serial-mode digital interface. A single pin (SENB)
selects the mode. The AD8369 is designed for optimal
operation when used in a fully differential system, although
single-ended operation is also possible. Its nominal input and
output impedances are 200
W.
Input Attenuator and Output 3 dB Step
The AD8369 is comprised of a seven-stage R-2R ladder net-
work (eight taps) and a selected Gm stage followed by a
fixed-gain differential amplifier. The ladder provides a total
attenuation of 42 dB in 6 dB steps. The full signal is applied to
the amplifier using the first tap; at the second tap, the signal
is 6 dB lower and so on. A further 3dB interpolating gain step is
introduced at the output of the fixed gain amplifier, providing
the full 45 dB of gain span.
Fixed Gain Amplifier
The fixed gain amplifier is driven by the tap point of the R-2R
ladder network via the selected Gm cell. The output stage is a
complementary pair of current sources, loaded with internal
100
W resistors to ac ground which provides a 200 W differential
output impedance. The low frequency gain of the AD8369
can be approximated by the equation:
V
VIN
OUT
L
L
n
R
R
=
+
Ê
ËÁ
ˆ
¯˜
Ê
Ë
ÁÁ
ˆ
¯
˜˜
-
()
06
200
200
1
2
15
.
where RL is the external load resistor in ohms and n is the gain
code; 0 is the minimum gain code and 15 is the maximum gain
code. The external load, which is in parallel combination with
the internal 200
W output resistor, affects the overall gain and
peak output swing. Note that the external load has no effect on the
gain step size.
Input and Output Interfaces
The dc working points of the differential input and output inter-
faces of the AD8369 are internally biased. The inputs INHI and
INLO are biased to a diode drop below VS/2 (~1.7 V for a 5 V
positive supply) to meet isolation and headroom constraints,
while the outputs OPHI and OPLO are centered on the supply
midpoint, VS/2, to provide the maximum output swing.
The internal VS/2 reference and the CMDC reference are buff-
ered and decoupled to ground via internal capacitors. The
input bias voltage, derived from this VS/2 reference, is brought
FREQUENCY – kHz
100
10
100
1000
90
80
70
60
50
40
30
20
10
0
10000
TPC 37. Power Supply Rejection Ratio, VS = 5 V,
RL = 1 k
W, Maximum Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com