Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8369 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8369
Description  45 dB Digitally Controlled VGA LF to 600 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8369 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8369 Datasheet HTML 16Page - Analog Devices AD8369 Datasheet HTML 17Page - Analog Devices AD8369 Datasheet HTML 18Page - Analog Devices AD8369 Datasheet HTML 19Page - Analog Devices AD8369 Datasheet HTML 20Page - Analog Devices AD8369 Datasheet HTML 21Page - Analog Devices AD8369 Datasheet HTML 22Page - Analog Devices AD8369 Datasheet HTML 23Page - Analog Devices AD8369 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. 0
AD8369
–21–
RL
CONTROL INTERFACE
9
10
11
12
13
14
15
16
PWUP VPOS SENB
FILT CMDC OPHI
INHI COMM
INLO
DENB
COMM BIT0
BIT1
BIT2
BIT3
AD8369
OPLO
0.1 F
8
7
6
5
4
3
2
1
VS
SOURCE
OUTPUT
RECEIVER
INPUT
ANRITSU MS4623B VNA
10nF
10nF
10nF
0.1 F
1nF
MINI-CIRCUITS
TC4-1W
MINI-CIRCUITS
TC4-1W
10nF
10nF
Figure 13. Vector Network Analyzer Setup (200
W)
CONTROL INTERFACE
9
10
11
12
13
14
15
16
PWUP VPOS SENB
FILT CMDC OPHI
INHI COMM
INLO
DENB
COMM BIT0
BIT1
BIT2
BIT3
AD8369
OPLO
0.1 F
8
7
6
5
4
3
2
1
VS
SOURCE
OUTPUT
RECEIVER
INPUT
ANRITSU MS4623B VNA
10nF
10nF
10nF
0.1 F
1nF
MINI-CIRCUITS
TC4-1W
MINI-CIRCUITS
TC4-1W
10nF
10nF
604
604
237
4120
Figure 14. Vector Network Analyzer Setup (1 k
W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com