Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4982A-R13 Datasheet(PDF) 1 Page - Keysight Technologies

Part # N4982A-R13
Description  N4982A-R13 Data to Clock Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N4982A-R13 Datasheet(HTML) 1 Page - Keysight Technologies

  N4982A-R13 Datasheet HTML 1Page - Keysight Technologies N4982A-R13 Datasheet HTML 2Page - Keysight Technologies N4982A-R13 Datasheet HTML 3Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
• Wide operating range: 622 MHz
to 13.5 GHz
• Good input sensitivity (18 mVpp)
• Low residual jitter (300 fs)
• Differential input connectors
• GPIB programmable for
automated use
• Wall-wart pluggable power
supply
• Compact size (1.5” x 4.5” x 7”)
Applications
• Designed for signal integrity lab applications requiring multi-rate cloc
recovery
• Can be used for SFP, fiber, and other photonic applications where
polarization mode dispersion affects the data period
• Can be used for recovering clock from degraded data stream, for data
recovery and resampling applications
Agilent
N4982A-R13 Data to Clock Converter
Data Sheet


Similar Part No. - N4982A-R13

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N4982A KEYSIGHT-N4982A Datasheet
1Mb / 8P
Clock Recovery Unit
More results

Similar Description - N4982A-R13

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
PARALLEL-TO-SERIAL DATA CONVERTER
logo
LSI Computer Systems
LS7082 LSI-LS7082 Datasheet
38Kb / 4P
QUADRATURE CLOCK CONVERTER
logo
List of Unclassifed Man...
DX-7401 ETC-DX-7401 Datasheet
46Kb / 1P
DATA & CLOCK TRANSMISSION
logo
National Semiconductor ...
DS90LV110T NSC-DS90LV110T Datasheet
468Kb / 9P
1 to 10 LVDS Data/Clock Distributor
DS99R421 NSC-DS99R421 Datasheet
1,013Kb / 18P
5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to Single Embedded Clock DC-Balanced LVDS Converter
DS99R421 NSC-DS99R421_08 Datasheet
1,015Kb / 18P
5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to Single Embedded Clock DC-Balanced LVDS Converter
DS90LV110T NSC-DS90LV110T_07 Datasheet
1Mb / 12P
1 to 10 LVDS Data/Clock Distributor
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
1 to 2 Differential Clock/Data Fanout Buffer
logo
Texas Instruments
DS90LV110T TI1-DS90LV110T_14 Datasheet
1Mb / 17P
1 to 10 LVDS Data/Clock Distributor
logo
Realtek Semiconductor C...
RTL8801 REALTEK-RTL8801 Datasheet
255Kb / 17P
Incoming data resynchronized to local clock
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com