Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4982A-R13 Datasheet(PDF) 2 Page - Keysight Technologies

Part # N4982A-R13
Description  N4982A-R13 Data to Clock Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N4982A-R13 Datasheet(HTML) 2 Page - Keysight Technologies

  N4982A-R13 Datasheet HTML 1Page - Keysight Technologies N4982A-R13 Datasheet HTML 2Page - Keysight Technologies N4982A-R13 Datasheet HTML 3Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Description
Minimum
Typical
Maximum
Unit
Input/output operating range
0.622
13.5
GHz
Input sensitivity
50
25
mVpp
Input match
–15
dB
Output amplitude
1
Vpp
Residual jitter
300
fs
Input and Output Specifications
General and Mechanical Parameters
Operating temperature
+10 to +40 °C
Non-operating temperature
–40 to +70 °C
Power requirements
45 W External AC Adaptor (included)
• 85 to 265 VAC, 47 to 63 Hz
Physical dimensions (W x H x D)
105 mm x 39 mm x 190 mm
Weight
2 lbs
Regulatory Standards
EMC
Complies with European EMC Directive 2004/108/EC
• IEC/EN 61326-1
• CISPR Pub 11 Group 1, class A
• AS/NZS CISPR 11
• ICES/NMB-001
This ISM device complies with Canadian ICES-001. Cet appareil ISM est conforme a la norme NMB-001 du Canada.
Ordering Information
Warranty and Calibration Service
For warranty and calibration service information, contact your local authorized Agilent distributor or Agilent sales
department.
More Information
For additional information, to schedule a product demonstration, or to request a quote, contact your local authorized
Agilent Technologies Distributor.
Product Number
Description
N4982A-R13
Data to Clock Converter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com