Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC540A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC540A
Description  OCTAL BUFFER/ LINE DRIVER WITH 3 STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC540A Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC540A Datasheet HTML 1Page - Diodes Incorporated 74LVC540A Datasheet HTML 2Page - Diodes Incorporated 74LVC540A Datasheet HTML 3Page - Diodes Incorporated 74LVC540A Datasheet HTML 4Page - Diodes Incorporated 74LVC540A Datasheet HTML 5Page - Diodes Incorporated 74LVC540A Datasheet HTML 6Page - Diodes Incorporated 74LVC540A Datasheet HTML 7Page - Diodes Incorporated 74LVC540A Datasheet HTML 8Page - Diodes Incorporated 74LVC540A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LVC540A
Document number: DS35890 Rev. 1 - 2
2 of 10
www.diodes.com
July 2014
© Diodes Incorporated
74LVC540A
Ordering Information
74 LVC 540A xxx -13
Logic Device
Function
Package
Packing
74 : Logic Prefix
540 :
Octal
Buffer/Line
Driver with 3
State Outputs
T20 : TSSOP-20
-13 : 13” Tape & Reel
Q20 : QFN-20
Part Number
Package
Code
Package
(Note 4 & 5)
Package
Size
13” Tape and Reel
Quantity
Part Number Suffix
74LVC540AT20-13
T20
TSSOP-20
6.4mm X 6.5mm X 1.2mm
0.65 mm lead pitch
2500/Tape & Reel
-13
74LVC540AQ20-13
Q20
V-QFN4525-20
2.5mm X 4.5mm X 0.95mm
0.50 mm lead pitch
2500/Tape & Reel
-13
Notes:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. V-QFN4525-20 is a JEDEC recognized naming convention that specifies the package thickness category as V and the number 4525 describes the
package as 4.5mm X 2.5mm.
Pin Descriptions
Pin
Number
Pin
Name
Description
1
OE1
Output Enable 1
2
A1
Data Input
3
A2
Data Input
4
A3
Data Input
5
A4
Data Input
6
A5
Data Input
7
A6
Data Input
8
A7
Data Input
9
A8
Data Input
10
GND
Ground
11
B8
Data Output
12
B7
Data Output
13
B6
Data Output
14
B5
Data Output
15
B4
Data Output
16
B3
Data Output
17
B2
Data Output
18
B1
Data Output
19
OE2
Output Enable 2
20
VCC
Supply Voltage
Logic Diagram
Function Table
INPUTS
OUTPUT
OE1
OE2
A
Q
L
L
L
H
L
L
H
L
H
X
X
Z
X
H
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com