Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC540A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74LVC540A
Description  OCTAL BUFFER/ LINE DRIVER WITH 3 STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC540A Datasheet(HTML) 3 Page - Diodes Incorporated

  74LVC540A Datasheet HTML 1Page - Diodes Incorporated 74LVC540A Datasheet HTML 2Page - Diodes Incorporated 74LVC540A Datasheet HTML 3Page - Diodes Incorporated 74LVC540A Datasheet HTML 4Page - Diodes Incorporated 74LVC540A Datasheet HTML 5Page - Diodes Incorporated 74LVC540A Datasheet HTML 6Page - Diodes Incorporated 74LVC540A Datasheet HTML 7Page - Diodes Incorporated 74LVC540A Datasheet HTML 8Page - Diodes Incorporated 74LVC540A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74LVC540A
Document number: DS35890 Rev. 1 - 2
3 of 10
www.diodes.com
July 2014
© Diodes Incorporated
74LVC540A
Absolute Maximum Ratings (Notes 6 & 7)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
1
kV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range
-0.5 to +7.0
V
IIK
Input Clamp Current
VI< 0V
-20
mA
IOK
Output Clamp Current
VO< 0V
-50
mA
IO
Continuous Output Current -0.5V < VO VCC +0.5V
±50
mA
ICC
Continuous Current Through VCC
100
mA
IGND
Continuous Current Through GND
-100
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Notes:
6. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be
within recommend values.
7. Forcing the maximum allowed voltage could cause a condition exceeding the maximum current or conversely forcing the maximum current could
cause a condition exceeding the maximum voltage. The ratings of both current and voltage must be maintained within the controlled range.
Recommended Operating Conditions (Note 8)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
Operating
1.65
3.6
V
Data Retention Only
1.5
—
V
VI
Input Voltage
—
0
5.5
V
VO
Output Voltage
—
0
VCC
V
IOH
High-Level Output Current
VCC = 1.65V
—
-4
mA
VCC = 2.3V
—
-8
VCC = 2.7V
—
-12
VCC = 3.0V
—
-24
IOL
Low-Level Output Current
VCC = 1.65V
—
4
mA
VCC = 2.3V
—
8
VCC = 2.7V
—
12
VCC = 3.0V
—
24
∆t/∆V
Input Transition Rise or Fall Rate
—
10
ns/V
TA
Operating Free-Air Temperature
-40
+125
ºC
Note:
8. Unused inputs should be held at VCC or ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com