Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC573AT20 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC573AT20
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3 STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC573AT20 Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC573AT20 Datasheet HTML 1Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 2Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 3Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 4Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 5Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 6Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 7Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 8Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74LVC573A
Document number: DS35897 Rev. 2 - 2
2 of 11
www.diodes.com
May 2015
© Diodes Incorporated
74LVC573A
A
Ordering Information
74 LVC
573A
XXX -13
Logic Device
Function
Package
Packing
74 : Logic Prefix
573A :
Octal
Transparent D-
Type Latch with
3-State Outputs
T20 : TSSOP-20
-
13 : 13” Tape & Reel
LVC : Low Voltage CMOS
Q20 : V-QFN4525-20
Part Number
Package
Code
Package
(Notes 4 & 5)
Package
Size
13” Tape and Reel
Quantity
Part Number Suffix
74LVC573AT20-13
T20
TSSOP-20
6.4mm X 6.5mm X 1.2mm
0.65mm Lead Pitch
2500/Tape & Reel
-13
74LVC573AQ20-13
Q20
V-QFN4525-20
2.5mm X 4.5mm X 0.95mm
0.50mm Lead Pitch
2500/Tape & Reel
-13
Notes:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. V-QFN4525-20 is a JEDEC recognized naming convention that specifies the package thickness category as V and the number 4525 describes the
package as 4.5mm X 2.5mm.
Pin Descriptions
Pin
Number
Pin
Name
Description
1
OE
Output Enable
2
D1
Data Input
3
D2
Data Input
4
D3
Data Input
5
D4
Data Input
6
D5
Data Input
7
D6
Data Input
8
D7
Data Input
9
D8
Data Input
10
GND
Ground
11
LE
Latch Enable
12
Q8
Latch Output
13
Q7
Latch Output
14
Q6
Latch Output
15
Q5
Latch Output
16
Q4
Latch Output
17
Q3
Latch Output
18
Q2
Latch Output
19
Q1
Latch Output
20
VCC
Supply Voltage
Logic Diagram
1
OE
11
LE
D1
19
Q1
D
C
Q
2
D2
18
Q2
D
C
Q
3
D3
17
Q3
D
C
Q
4
D4
16
Q4
D
C
Q
5
D5
15
Q5
D
C
Q
6
D6
14
Q6
D
C
Q
7
D7
13
Q7
D
C
Q
8
D8
12
Q8
D
C
Q
9
Function Table
(Each Latch)
INPUTS
OUTPUT
OE
LE
D
Q
L
H
H
H
L
H
L
L
L
L
X
Q0
H
X
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com