Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC573AT20 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC573AT20
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3 STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC573AT20 Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC573AT20 Datasheet HTML 1Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 2Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 3Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 4Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 5Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 6Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 7Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 8Page - Diodes Incorporated 74LVC573AT20 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74LVC573A
Document number: DS35897 Rev. 2 - 2
4 of 11
www.diodes.com
May 2015
© Diodes Incorporated
74LVC573A
A
Electrical Characteristics
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-Level Input
Voltage
—
1.65V to 1.95V
VCC X 0.65
—
VCC X 0.65
—
V
—
2.3V to 2.7V
1.7
—
1.7
—
—
3.0V to 3.6V
2
—
2
—
VIL
Low-Level Input
Voltage
—
1.65V to 1.95V
—
VCC X 0.35
—
VCC X 0.35
V
—
2.3V to 2.7V
—
0.7
—
0.7
—
3.0V to 3.6V
—
0.8
—
0.8
VOH
High-Level
Output Voltage
IOH = -50μA
1.65V to 3.6V
VCC-0.2
—
VCC-0.3
—
V
IOH = -4mA
1.65V
1.2
—
1.05
—
IOH = -8mA
2.3V
1.7
—
1.65
—
IOH = -12mA
2.7V
2.2
—
2.05
—
3.0V
2.4
—
2.48
—
IOH = -24mA
3.0V
2.3
—
2.0
—
VOL
Low-Level Output
Voltage
IOL = 100μA
1.65V to 3.6V
—
0.2
—
0.3
V
IOL = 4mA
1.65V
—
0.45
—
0.65
IOL = 8mA
2.3V
—
0.60
—
0.80
IOL = 12mA
2.7V
—
0.40
—
0.60
IOL = 24mA
3.0V
—
0.55
—
0.80
IOFF
Power Down
Leakage Current
VI or VO = 0 or 5.5V
0V
—
±10
—
20
μA
II
Input Current
Control Pins
VI = GND or 5.5V
0 to 3.6V
—
±5
—
±20
μA
IOZ
Z-State Current
Including Input
Current
I/O Pins
VI = GND or 5.5V
VO = 0 to 5.5V
3.6V
—
±5
—
±20
µA
ICC
Supply Current
VI = GND or VCC, IO = 0
3.6V
—
10
—
40
μA
∆ICC
Additional Supply
Current
One Input at VCC -0.6V IO = 0A
2.7V to 3.6V
—
500
—
5000
μA
CI
Input
Capacitance
Control Pins
VI = GND or VCC
0V to 3.6V
4.0 Typical
4.0 Typical
pF
I/O Pins
5.5 Typical
5.5 Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com