Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5160BRJ50-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5160BRJ50-R2
Description  256-Position SPI Compatible Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5160BRJ50-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5160BRJ50-R2 Datasheet HTML 8Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 9Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 10Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 11Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 12Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 13Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 14Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 15Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD5160
LAYOUT AND POWER SUPPLY BYPASSING
It is a good practice to employ compact, minimum lead length
layout design. The leads to the inputs should be as direct as
possible with a minimum conductor length. Ground paths
should have low resistance and low inductance.
Similarly, it is also a good practice to bypass the power supplies
with quality capacitors for optimum stability. Supply leads to the
device should be bypassed with disc or chip ceramic capacitors
of 0.01 µF to 0.1 µF. Low ESR 1 µF to 10 µF tantalum or
electrolytic capacitors should also be applied at the supplies to
minimize any transient disturbance and low frequency ripple
(see Figure 42). Note that the digital ground should also be
joined remotely to the analog ground at one point to minimize
the ground bounce.
AD5160
VDD
C1
C3
GND
10
µF
0.1
µF
+
VDD
Figure 42. Power Supply Bypassing
Rev. 0 | Page 14 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com