Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5160BRJ50-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5160BRJ50-R2
Description  256-Position SPI Compatible Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5160BRJ50-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD5160BRJ50-R2 Datasheet HTML 1Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 2Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 3Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 4Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 5Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 6Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 7Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 8Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
256-Position SPI Compatible
Digital Potentiometer
AD5160
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
256-position
End-to-end resistance 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
Compact SOT-23-8 (2.9 mm × 3 mm) package
SPI compatible interface
Power-on preset to midscale
Single supply 2.7 V to 5.5 V
Low temperature coefficient 45 ppm/°C
Low power, IDD = 8 µA
Wide operating temperature –40°C to +125°C
Evaluation board available
APPLICATIONS
Mechanical potentiometer replacement in new designs
Transducer adjustment of pressure, temperature, position,
chemical, and optical sensors
RF amplifier biasing
Automotive electronics adjustment
Gain control and offset adjustment
GENERAL OVERVIEW
The AD5160 provides a compact 2.9 mm × 3 mm packaged
solution for 256-position adjustment applications. These devices
perform the same electronic adjustment function as mechanical
potentiometers or variable resistors, with enhanced resolution,
solid-state reliability, and superior low temperature coefficient
performance.
The wiper settings are controllable through an SPI compatible
digital interface. The resistance between the wiper and either
end point of the fixed resistor varies linearly with respect to the
digital code transferred into the RDAC latch.
Operating from a 2.7 V to 5.5 V power supply and consuming
less than 5 µA allows for usage in portable battery-operated
applications.
FUNCTIONAL BLOCK DIAGRAM
SPI INTERFACE
WIPER
REGISTER
CS
SDI
CLK
GND
VDD
A
W
B
Figure 1.
PIN CONFIGURATION
A
B
CS
SDI
1
2
3
4
5
8
7
6
W
VDD
GND
CLK
TOP VIEW
(Not to Scale)
AD5160
Figure 2.
Note:
The terms digital potentiometer, VR, and RDAC are used interchangeably.


Similar Part No. - AD5160BRJ50-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
More results

Similar Description - AD5160BRJ50-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5162 AD-AD5162 Datasheet
960Kb / 20P
Dual 256-Position SPI Digital Potentiometer
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com