Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1086 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1086
Description  1.5A Low Dropout Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1086 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM1086 Datasheet HTML 1Page - National Semiconductor (TI) LM1086 Datasheet HTML 2Page - National Semiconductor (TI) LM1086 Datasheet HTML 3Page - National Semiconductor (TI) LM1086 Datasheet HTML 4Page - National Semiconductor (TI) LM1086 Datasheet HTML 5Page - National Semiconductor (TI) LM1086 Datasheet HTML 6Page - National Semiconductor (TI) LM1086 Datasheet HTML 7Page - National Semiconductor (TI) LM1086 Datasheet HTML 8Page - National Semiconductor (TI) LM1086 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics (Continued)
Typicals and limits appearing in normal type apply for T
J = 25˚C. Limits appearing in Boldface type apply over the entire junc-
tion temperature range for operation.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
LM1086-2.85
I
OUT = 0mA, 4.35V
≤ V
IN
≤ 18V
0.3
0.6
6
6
mV
mV
LM1086-3.3
I
OUT = 0mA, 4.5V
≤ V
IN
≤ 18V
0.5
1.0
10
10
mV
mV
LM1086-3.45
I
OUT = 0mA, 4.95V
≤ V
IN
≤ 18V
0.5
1.0
10
10
mV
mV
LM1086-5.0
I
OUT = 0mA, 6.5V
≤ V
IN
≤ 20V
0.5
1.0
10
10
mV
mV
∆V
OUT
Load Regulation
(Note 8)
LM1086-ADJ
(V
IN-V OUT ) = 3V, 10mA
≤ I
OUT
≤ I
FULL LOAD
0.1
0.2
0.3
0.4
%
%
LM1086-1.8 ,2.5, 2.85
V
IN = 5V, 0
≤ I
OUT
≤ I
FULL LOAD
3
6
12
20
mV
mV
LM1086-3.3, 3.45
V
IN = 5V, 0
≤ I
OUT
≤ I
FULL LOAD
3
7
15
25
mV
mV
LM1086-5.0
V
IN = 8V, 0
≤ I
OUT
≤ I
FULL LOAD
5
10
20
35
mV
mV
Dropout Voltage
(Note 9)
LM1086-ADJ, 1.8, 2.5,2.85, 3.3, 3.45, 5
∆V
REF,
∆V
OUT = 1%, IOUT = 1.5A
1.3
1.5
V
I
LIMIT
Current Limit
LM1086-ADJ
V
IN−VOUT =5V
V
IN−VOUT = 25V
1.50
0.05
2.7
0.15
A
A
LM1086-1.8,2.5, 2.85, 3.3, 3.45, V
IN =8V
1.5
2.7
A
LM1086-5.0, V
IN = 10V
1.5
2.7
A
Minimum Load Current
(Note 10)
LM1086-ADJ
V
IN −VOUT = 25V
5.0
10.0
mA
Quiescent Current
LM1086-1.8, 2.5, 2.85, V
IN
≤ 18V
5.0
10.0
mA
LM1086-3.3, V
IN
≤ 18V
5.0
10.0
mA
LM1086-3.45, V
IN
≤ 18V
5.0
10.0
mA
LM1086-5.0, V
IN
≤ 20V
5.0
10.0
mA
Thermal Regulation
T
A = 25˚C, 30ms Pulse
0.008
0.04
%/W
Ripple Rejection
f
RIPPLE = 120Hz, COUT = 25µF Tantalum,
I
OUT = 1.5A
60
75
dB
LM1086-ADJ, C
ADJ = 25µF, (VIN−VO)=3V
LM1086-1.8, 2.5, 2.85, V
IN =6V
60
72
dB
LM1086-3.3, V
IN= 6.3V
60
72
dB
LM1086-3.45, V
IN= 6.3V
60
72
dB
LM1086-5.0 V
IN =8V
60
68
dB
Adjust Pin Current
LM1086
55
120
µA
Adjust Pin Current
Change
10mA
≤ I
OUT
≤ I
FULL LOAD,
1.5V
≤ (V
IN−VOUT)
≤ 15V
0.2
5
µA
Temperature Stability
0.5
%
Long Term Stability
T
A = 125˚C, 1000Hrs
0.3
1.0
%
RMS Noise
(% of V
OUT)
10Hz
≤ f≤ 10kHz
0.003
%
θ
JC
Thermal Resistance
Junction-to-Case
3-Lead TO-263: Control Section/Output
Section
3-Lead TO-220: Control Section/Output
Section
1.5/4.0
1.5/4.0
˚C/W
˚C/W
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com