Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1086 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1086
Description  1.5A Low Dropout Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1086 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM1086 Datasheet HTML 4Page - National Semiconductor (TI) LM1086 Datasheet HTML 5Page - National Semiconductor (TI) LM1086 Datasheet HTML 6Page - National Semiconductor (TI) LM1086 Datasheet HTML 7Page - National Semiconductor (TI) LM1086 Datasheet HTML 8Page - National Semiconductor (TI) LM1086 Datasheet HTML 9Page - National Semiconductor (TI) LM1086 Datasheet HTML 10Page - National Semiconductor (TI) LM1086 Datasheet HTML 11Page - National Semiconductor (TI) LM1086 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Typical Performance Characteristics (Continued)
Line Transient Response
Load Transient Response
10094847
10094848
Application Note
GENERAL
Figure 1 shows a basic functional diagram for the LM1086-
Adj (excluding protection circuitry) . The topology is basically
that of the LM317 except for the pass transistor. Instead of a
Darlingtion NPN with its two diode voltage drop, the LM1086
uses a single NPN. This results in a lower dropout voltage.
The structure of the pass transistor is also known as a quasi
LDO. The advantage a quasi LDO over a PNP LDO is its
inherently lower quiescent current. The LM1086 is guaran-
teed to provide a minimum dropout voltage 1.5V over tem-
perature, at full load.
OUTPUT VOLTAGE
The LM1086 adjustable version develops at 1.25V reference
voltage, (V
REF), between the output and the adjust terminal.
As shown in figure 2, this voltage is applied across resistor
R1 to generate a constant current I1. This constant current
then flows through R2. The resulting voltage drop across R2
adds to the reference voltage to sets the desired output
voltage.
The current I
ADJ from the adjustment terminal introduces an
output error . But since it is small (120uA max), it becomes
negligible when R1 is in the 100
Ω range.
For fixed voltage devices, R1 and R2 are integrated inside
the devices.
STABILITY CONSIDERATION
Stability consideration primarily concern the phase response
of the feedback loop. In order for stable operation, the loop
must maintain negative feedback. The LM1086 requires a
certain amount series resistance with capacitive loads. This
series resistance introduces a zero within the loop to in-
crease phase margin and thus increase stability. The equiva-
lent series resistance (ESR) of solid tantalum or aluminum
electrolytic capacitors is used to provide the appropriate zero
(approximately 500 kHz).
The Aluminum electrolytic are less expensive than tantal-
ums, but their ESR varies exponentially at cold tempera-
tures; therefore requiring close examination when choosing
the desired transient response over temperature. Tantalums
are a convenient choice because their ESR varies less than
2:1 over temperature.
The recommended load/decoupling capacitance is a 10uF
tantalum or a 50uF aluminum. These values will assure
stability for the majority of applications.
The adjustable versions allows an additional capacitor to be
used at the ADJ pin to increase ripple rejection. If this is done
the output capacitor should be increased to 22uF for tantal-
ums or to 150uF for aluminum.
10094865
FIGURE 1. Basic Functional Diagram for the LM1086,
excluding Protection circuitry
10094817
FIGURE 2. Basic Adjustable Regulator
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com