Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM301 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM301
Description  Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM301 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM301 Datasheet HTML 1Page - National Semiconductor (TI) LM301 Datasheet HTML 2Page - National Semiconductor (TI) LM301 Datasheet HTML 3Page - National Semiconductor (TI) LM301 Datasheet HTML 4Page - National Semiconductor (TI) LM301 Datasheet HTML 5Page - National Semiconductor (TI) LM301 Datasheet HTML 6Page - National Semiconductor (TI) LM301 Datasheet HTML 7Page - National Semiconductor (TI) LM301 Datasheet HTML 8Page - National Semiconductor (TI) LM301 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM101A/LM201A/LM301A
Operational Amplifiers
General Description
The LM101A series are general purpose operational amplifi-
ers which feature improved performance over industry stan-
dards like the LM709. Advanced processing techniques
make possible an order of magnitude reduction in input cur-
rents, and a redesign of the biasing circuitry reduces the
temperature drift of input current. Improved specifications in-
clude:
•
Offset voltage 3 mV maximum over temperature
(LM101A/LM201A)
•
Input current 100 nA maximum over temperature
(LM101A/LM201A)
•
Offset current 20 nA maximum over temperature
(LM101A/LM201A)
•
Guaranteed drift characteristics
•
Offsets guaranteed over entire common mode and sup-
ply voltage ranges
•
Slew rate of 10V/µs as a summing amplifier
This amplifier offers many features which make its appli-
cation nearly foolproof: overload protection on the input
and output, no latch-up when the common mode range is
exceeded, and freedom from oscillations and compensa-
tion with a single 30 pF capacitor. It has advantages over
internally compensated amplifiers in that the frequency
compensation can be tailored to the particular applica-
tion. For example, in low frequency circuits it can be over-
compensated for increased stability margin. Or the com-
pensation can be optimized to give more than a factor of
ten improvement in high frequency performance for most
applications.
In addition, the device provides better accuracy and lower
noise in high impedance circuitry. The low input currents
also make it particularly well suited for long interval inte-
grators or timers, sample and hold circuits and low fre-
quency waveform generators. Further, replacing circuits
where matched transistor pairs buffer the inputs of con-
ventional IC op amps, it can give lower offset voltage and
a drift at a lower cost.
The LM101A is guaranteed over a temperature range of
−55˚C to +125˚C, the LM201A from −25˚C to +85˚C, and
the LM301A from 0˚C to +70˚C.
Connection Diagrams (Top View)
Dual-In-Line Package
DS007752-4
Order Number LM101AJ, LM101J/883 (Note 1),
LM201AN or LM301AN
See NS Package Number J08A or N08E
Ceramic Flatpack Package
DS007752-40
Order Number LM101AW/883 or LM101W/883
See NS Package Number W10A
September 1999
© 1999 National Semiconductor Corporation
DS007752
www.national.com


Similar Part No. - LM301

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM301 STMICROELECTRONICS-LM301 Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
Oct-1995
logo
Linear Technology
LM301 LINER-LM301 Datasheet
388Kb / 6P
Operational Amplifiers
logo
Seoul Semiconductor
LM301 SEOUL-LM301 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM301 SEOUL-LM301 Datasheet
360Kb / 13P
CYAN LAMP LED
LM301 SEOUL-LM301 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LM301

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UM605B UTC-UM605B_15 Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com