Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CE30-RUQ00 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMP-CE30-RUQ00
Description  T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CE30-RUQ00 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMP-CE30-RUQ00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CE30-RUQ00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CE30-RUQ00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CE30-RUQ00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CE30-RUQ00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CE30-RUQ00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CE30-RUQ00 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Figure 7. Spatial radiation pattern – 23
° lamps.
Figure 8. Spatial radiation pattern – 30
° lamps.
Bin
Name
Min.
Max.
N
680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
X
7200
9300
Intensity Bin Limits
(mcd at 20 mA)
Tolerance of each intensity bin limit
is
±15%.
Bin
Name
Min.
Max.
1
490
495
2
495
500
3
500
505
4
505
510
7
498
503
8
503
508
Color Bin Limits
(nm at 20 mA)
Tolerance for each color bin limit
is
± 0.5 nm.
Note:
Bin categories are established for
classification of products. Products may not
be available in all bin categories. Please
contact your Agilent representative for
information on currently available bins.
1.0
0
ANGLE – DEGREES
0.5
-30
0
30
50
-50
10
-20 -10
20
-40
40
1.0
0
ANGLE – DEGREES
0.5
-30
0
30
50
-50
10
-20 -10
20
-40
40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com