Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CE30-RUQ00 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-CE30-RUQ00
Description  T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CE30-RUQ00 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-CE30-RUQ00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CE30-RUQ00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CE30-RUQ00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CE30-RUQ00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CE30-RUQ00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CE30-RUQ00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CE30-RUQ00 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Agilent HLMP-CE15, HLMP-CE16,
HLMP-CE23, HLMP-CE24,
HLMP-CE30, HLMP-CE31
T-1 3/4 (5 mm) Precision
Optical Performance
InGaN Bluish-Green LED Lamps
Data Sheet
Description
These high intensity bluish-green
LEDs are based on InGaN material
technology. InGaN is the most
efficient and cost effective material
for LEDs in the blue and green
region of the spectrum. The 505 nm
typical dominant wavelength
matches international specifications
for green traffic signals.
These LED lamps are untinted,
nondiffused, T-1 3/4 packages
incorporating second generation
optics producing well defined
spatial radiation patterns at specific
viewing cone angles.
These lamps are made with an
advanced optical grade epoxy,
offering superior temperature and
moisture resistance in outdoor
signal and sign applications. The
package epoxy contains both UV-a
and UV-b inhibitors to reduce the
effects of long term exposure to
direct sunlight.
These lamps are available in three
viewing angle options and two
package options to give the
designer flexibility with optical
design and device mounting.
CAUTION: HLMP-CExx LEDs are Class 1 ESD sensitive. Please observe appropriate precautions during handling
and processing. Refer to Agilent Application Note AN-1142 for additional details.
Features
• Smooth, consistent spatial
radiation patterns
• High luminous output
• Viewing angles 15˚, 23˚, and 30˚
• Superior resistance to moisture
Benefits
• Viewing angles match traffic
signal requirements
• Superior performance in outdoor
environments
• Suitable for autoinsertion onto
PC boards
Applications
• Traffic signals
• Railroad signals
• Commercial outdoor signs
• Automotive interior lights



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com