Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMU-A160-R00J1 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMU-A160-R00J1
Description  Agilent HSMx-A16x-xxxxx PLCC-2 Surface Mount LED Indicator Black Surface Tinted
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMU-A160-R00J1 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMU-A160-R00J1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2
Package Dimensions
Notes: All dimensions in mm
Device Selection Guide
Color
Part Number
Min Iv @ 20mA
(mcd)
Typical Iv @ 20mA
(mcd)
Red
HSMC-A160-Q00J1
63.0
100.0
HSMC-A161-S00J1
160.0
220.0
HSMZ-A160-T00J1
250.0
350.0
Yellow /Amber
HSMA-A160-Q00J1
63.0
100.0
HSMA-A161-S00J1
160.0
220.0
HSMU-A160-R00J1
100.0
320.0
HSMU-A160-T00J1
250.0
320.0
Green
HSMM-A161-R00J1
100.0
200.0
HSMM-A160-S00J1
160.0
350.0
Blue
HSMN-A161-N00J1
25.0
50.0
HSMN-A160-P00J1
40.0
70.0
Notes: The luminous intensity Iv, is measured at the mechanical axis of the lamp package.
The actual peak of the spatial radiation pattern may not be aligned with this axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com