Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMU-A160-R00J1 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSMU-A160-R00J1
Description  Agilent HSMx-A16x-xxxxx PLCC-2 Surface Mount LED Indicator Black Surface Tinted
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMU-A160-R00J1 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSMU-A160-R00J1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMU-A160-R00J1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4
Figure 1. Relative Intensity vs. Wavelength
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Relative Intensity vs. Forward Current
Figure 4. Dominant Wavelength vs. Forward Current
− InGaN
Figure 5. Maximum Forward Current Vs. Ambient Temperature.
Derated Based on TJ MAX = 110 °C, RθJA 500 °C/W
Figure 6. Forward Voltage Shift vs. Temperature
0
0.2
0.4
0.6
0.8
1
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
Blue
Green
Amber
Red
0
5
10
15
20
25
30
35
0
0.5
1
1.5
2
2.5
3
3.5
4
FORWARD VOLTAGE -V
HSMA/C
HSMU/Z
HSMM/N
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
25
30
35
DC FORWARD CURRENT -mA
InGaN
AlInGaP
460
470
480
490
500
510
520
530
540
0
5
10
15
20
25
30
35
CURRENT - mA
InGaN Green
InGaN Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com