Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM307 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM307
Description  Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM307 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM307 Datasheet HTML 1Page - National Semiconductor (TI) LM307 Datasheet HTML 2Page - National Semiconductor (TI) LM307 Datasheet HTML 3Page - National Semiconductor (TI) LM307 Datasheet HTML 4Page - National Semiconductor (TI) LM307 Datasheet HTML 5Page - National Semiconductor (TI) LM307 Datasheet HTML 6Page - National Semiconductor (TI) LM307 Datasheet HTML 7Page - National Semiconductor (TI) LM307 Datasheet HTML 8Page - National Semiconductor (TI) LM307 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Note 3) (Continued)
Parameter
Conditions
LM107LM207
LM307
Units
Min
Typ
Max
Min
Typ
Max
Large Signal Voltage
VS e g15V VOUT e g10V
15
Gain
RL t 2kX
25
VmV
Output Voltage Swing
VS e g15V
RL e 10 kX
g
12
g
14
g
12
g
14
V
RL e 2kX
g
10
g
13
g
10
g
13
V
Input Voltage Range
VS e g20V
g
15
V
VS e g15V
a
15
g
12
a
15
V
b
13
b
13
Common Mode
RS s 50 kX
80
96
70
90
dB
Rejection Ratio
Supply Voltage
RS s 50 kX
80
96
70
96
dB
Rejection Ratio
Note 1
The maximum junction temperature of the LM107 is 150 C and the LM207LM307 is 100 C For operating at elevated temperatures devices in the H08
package must be derated based on a thermal resistance of 165 CW junction to ambient or 30 CW junction to case The thermal resistance of the dual-in-line
package is 100 CW junction to ambient
Note 2
For supply voltages less than g15V the absolute maximum input voltage is equal to the supply voltage
Note 3
These specifications apply for g5V s VS s a20V and b55 C s TA s a125 C for the LM107 or b25 C s TA a85 C for the LM207 and 0 C s TA s
a
70 C and g5V s VS s g15V for the LM307 unless otherwise specified
Note 4
Refer to RETS107X for LM107H and LM107J military specifications
Schematic Diagram
Pin connections shown are for metal can
TLH7757 – 1
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com