Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM307 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM307
Description  Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM307 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM307 Datasheet HTML 1Page - National Semiconductor (TI) LM307 Datasheet HTML 2Page - National Semiconductor (TI) LM307 Datasheet HTML 3Page - National Semiconductor (TI) LM307 Datasheet HTML 4Page - National Semiconductor (TI) LM307 Datasheet HTML 5Page - National Semiconductor (TI) LM307 Datasheet HTML 6Page - National Semiconductor (TI) LM307 Datasheet HTML 7Page - National Semiconductor (TI) LM307 Datasheet HTML 8Page - National Semiconductor (TI) LM307 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office
Distributors for availability and specifications
(Note 4)
LM107LM207
LM307
Supply Voltage
g
22V
g
18V
TMIN
TMAX
Power Dissipation (Note 1)
500 mW
500 mW
Differential Input Voltage
g
30V
g
30V
LM107
b
55 C
a
125 C
Input Voltage (Note 2)
g
15V
g
15V
LM207
b
25 C
a
85 C
Output Short Circuit Duration
Continuous
Continuous
LM307
0 C
a
70 C
Operating Temperature Range (TA)
ESD rating to be determined
(LM107)
b
55 Cto a125 C0 Cto a70 C
(LM207)
b
25 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C
260 C
Electrical Characteristics (Note 3)
Parameter
Conditions
LM107LM207
LM307
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA e 25 C RS s 50 kX
07
20
20
75
mV
Input Offset Current
TA e 25 C
15
10
30
50
nA
Input Bias Current
TA e 25 C
30
75
70
250
nA
Input Resistance
TA e 25 C
15
40
05
20
MX
Supply Current
TA e 25 C
VS e g20V
18
30
mA
VS e g15V
18
30
mA
Large Signal Voltage
TA e 25 C VS e g15V
50
160
25
160
VmV
Gain
VOUT e g10V RL t 2kX
Input Offset Voltage
RS s 50 kX
30
10
mV
Average Temperature
Coefficient of Input
30
15
60
30
m
V C
Offset Voltage
Input Offset Current
20
70
nA
Average Temperature
25 C s TA s TMAX
001
01
001
03
nA C
Coefficient of Input
TMIN s TA s 25 C
002
02
002
06
nA C
Offset Current
Input Bias Current
100
300
nA
Supply Current
TA ea125 C VS e g20V
12
25
mA
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com