Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4964-2M Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  High Precision Automotive Hall Effect Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 4Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 5Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 6Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 7Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 8Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 9Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 10Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 11Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TLE4964-2M
Functional Description
Data Sheet
8
Revision 1.0, 2012-07-20
2
Functional Description
2.1
General
The TLE4964-2M is an integrated Hall effect switch designed specifically for highly accurate applications with
superior supply voltage capability, operating temperature range and temperature stability of the magnetic
thresholds.
2.2
Pin Configuration (top view)
Figure 2-1
Pin Configuration and Center of Sensitive Area
2.3
Pin Description
Table 2-1
Pin Description PG-SOT23-3-15
Pin No.
Symbol
Function
1
VDD
Supply voltage
2
Q
Output
3
GND
Ground
1
1.45± 0.1
0.65± 0.1
2
3
SOT23
Center of
Sensitive Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com