Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4964-2M Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  High Precision Automotive Hall Effect Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 18Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 19Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 20Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 21Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 22Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 23Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 24Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 25Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 26Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
TLE4964-2M
Graphs of the Electrical Parameters
Data Sheet
23
Revision 1.0, 2012-07-20
Figure 6-8
Output Fall Time of the TLE4964-2M over applied Pull-up Voltage
Figure 6-9
Output Rise Time of the TLE4964-2M over Temperature
Figure 6-10
Output Rise Time of the TLE4964-2M over applied Pull-up Voltage
400
500
600
700
-40°C
25°C
100
200
300
0
5
10
15
20
25
30
35
VQ [V]
150°C
500
600
700
3V
12V
300
400
-50
-30
-10
10
30
50
70
90
110 130 150
T [°C]
32V
400
500
600
700
-40°C
25°C
100
200
300
0
5
10
15
20
25
30
35
VQ [V]
150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com