Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALE Datasheet(PDF) 2 Page - Copal Electronics

Part # ALE
Description  Standard Lever & Rocker Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ALE Datasheet(HTML) 2 Page - Copal Electronics

  ALE Datasheet HTML 1Page - Copal Electronics ALE Datasheet HTML 2Page - Copal Electronics ALE Datasheet HTML 3Page - Copal Electronics ALE Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.5
3.3
8.3
(3)
(1)
(2)
5
6.5
7.5
22.8
11.2
Part number marking side.
17.5
2.5
3.3
8.3
29.1
6
7.5
(3)
(1)
(2)
5
5
Part number marking side.
(6)
(5)
(4)
2.5
3.3
8.3
(3)
(2)
(1)
7.5
22.8
11.2
6.5
7.5
Part number marking side.
(6)
(5)
(4)
5
Part number marking side.
(3)
(1)
(2)
5.08
8.5
17.5
2.5
8.3
6
7.5
2.65
2.5
8.3
5
(3)
(1)
(2)
11.2
Part number marking side.
(6)
(5)
(4)
5.08
8.5
2.54
6.5
7.5
2.65
APE
(Standard Lever & Rocker Switches)
SPDT
DPDT
DPDT
DPDT
SPDT
Switching
function
Part No.
Viewed from part No. and rating marking side
 ALE1D−2M4−10−Z
ON
−
ON
☆ALE1E−2M4−10−Z
ON
OFF
ON
☆ALE1F−2M4−10−Z
ON
−
(ON)
☆ALE1G−2M4−10−Z
(ON)
OFF
(ON)
★ALE1H−2M4−10−Z
ON
OFF
(ON)
Connecting
terminals
2
−3
−
2
−1
Switching
function
Part No.
Viewed from part No. marking side
☆ALE1D−5M4−10−Z
ON
−
ON
▲ALE1E−5M4−10−Z
ON
OFF
ON
▲ALE1F−5M4−10−Z
ON
−
(ON)
▲ALE1G−5M4−10−Z (ON)
OFF
(ON)
▲ALE1H−5M4−10−Z
ON
OFF
(ON)
Connecting
terminals
2
−3
−
2
−1
Switching
function
Part No.
Viewed from part No. marking side
☆ALE2D−2M4−10−Z
ON
−
ON
▲ALE2E−2M4−10−Z
ON
OFF
ON
▲ALE2F−2M4−10−Z
ON
−
(ON)
▲ALE2G−2M4−10−Z (ON)
OFF
(ON)
▲ALE2H−2M4−10−Z
ON
OFF
(ON)
Connecting
terminals
2
−3
5
−6
−
2
−1
5
−4
Switching
function
Part No.
Viewed from part No. marking side
☆ALE2D−5M4−10−Z
ON
−
ON
▲ALE2E−5M4−10−Z
ON
OFF
ON
▲ALE2F−5M4−10−Z
ON
−
(ON)
★ALE2G−5M4−10−Z
(ON)
OFF
(ON)
▲ALE2H−5M4−10−Z
ON
OFF
(ON)
Connecting
terminals
2
−3
5
−6
−
2
−1
5
−4
Switching
function
Part No.
Viewed from part No. marking side
★ALE2N−2M4−10−Z
ON
−
ON
▲ALE2P−2M4−10−Z
ON
OFF
ON
★ALE2R−2M4−10−Z
ON
−
(ON)
★ALE2S−2M4−10−Z
(ON)
OFF
(ON)
★ALE2T−2M4−10−Z
ON
OFF
(ON)
Connecting
terminals
2
−3
5
−6
−
2
−1
5
−4
Terminal numbers are not shown on the bottom of the switch.
Terminal numbers are not shown on the bottom of the switch.
Terminal numbers are not shown on the bottom of the switch.
Terminal numbers are not shown on the bottom of the switch.
Terminal numbers are not shown on the bottom of the switch.
Distance between two terminal rows : 2.54 mm
Distance between two terminal rows : 5.08 mm
(Mount with Rocker)
(Mount with Rocker)
(Mount with Rocker)
0.2R/A
0.2R/A
(ON)
:Momentary
★:Made to order products.
☆:Semi-standard products.
▲:Inquiry products.
(Mount with Lever)
(Mount with Lever)
PC Straight
PC Straight
PC Straight



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com