Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALE Datasheet(PDF) 3 Page - Copal Electronics

Part # ALE
Description  Standard Lever & Rocker Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ALE Datasheet(HTML) 3 Page - Copal Electronics

  ALE Datasheet HTML 1Page - Copal Electronics ALE Datasheet HTML 2Page - Copal Electronics ALE Datasheet HTML 3Page - Copal Electronics ALE Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
■ Standard Accessories
《Supplied separately》
Lever
Rocker
Dimension
Color
Part No.
Dimensions
Color
Part No.
.SVZZÄUPZO
White
140000050624
.SVZZÄUPZO
White
140000480673
Red
140000050626
Red
140000480675
Black
140000050625
Black
140000480674
Gray
140000050630
Gray
140000480679
Green
140000050628
Green
140000480677
ABS resin
ABS resin
Blue
140000050629
Blue
140000480678
Orange
140000050632
Orange
140000480680
Yellow
140000050627
Yellow
140000480676
Brown
140000050647
Brown
140000480693
The lever and the rocker are standard accessories. Specify either of the lever or the rocker in part number.
ALE
■Lever・rocker Installation procedure
 
Mount the lever or the rocker after cleaning.
■PC Hole Layouts
   
(Top view)
PC Straight
1
−pole
(Compact type)
2
−poles
(Compact type)
2
−poles
(Two terminal rows)
Right angle
terminal
1
−pole
(Compact type)
2
−poles
(Compact type)
■:VSKLYPUN:WLJPÄJH[PVUZ 
⑴ Manual Soldering
Device : Soldering iron
380
℃, Max.; 3 seconds, Max.
⑵ Auto Soldering
Device : Jet wave type or dip type
275
℃, Max.; 6 seconds, Max.
● Pre-heating should be done at temperatures ranging from 80℃
to 120
℃ and within 120 seconds.
Note: Mount the accessories of knob and lever after the soldering.
■ Flux Cleaning
⑴-VY[OLZVS]LU[\ZL[OLÅ\VYPULVYHSJVOVSIHZLKZVS]LU[
Solvent: Fluorine or Alcohol type
⑵Cleaning after soldering should be done after the terminal
temperature falls to 90
℃ or below, or after leaving the
Z^P[JOMVYÄ]LTPU\[LZVYSVUNLYH[YVVT[LTWLYH[\YL
■7HJRHNPUN :WLJPÄJH[PVU
Plastic Pack
50 pcs/pack



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com