Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM112 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM112
Description  Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM112 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM112 Datasheet HTML 1Page - National Semiconductor (TI) LM112 Datasheet HTML 2Page - National Semiconductor (TI) LM112 Datasheet HTML 3Page - National Semiconductor (TI) LM112 Datasheet HTML 4Page - National Semiconductor (TI) LM112 Datasheet HTML 5Page - National Semiconductor (TI) LM112 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH7751
September 1992
LM112LM212LM312 Operational Amplifiers
General Description
The LM112 series are micropower operational amplifiers
with very low offset-voltage and input-current errorsat
least a factor of ten better than FET amplifiers over a
b
55 Cto a125 C temperature range Similar to the LM108
series that also use supergain transistors they differ in that
they include internal frequency compensation and have pro-
visions for offset adjustment with a single potentiometer
These amplifiers will operate on supply voltages of g2V to
g
20V drawing a quiescent current of only 300 mA Per-
formance is not appreciably affected over this range of volt-
ages so operation from unregulated power sources is easily
accomplished They can also be run from a single supply
like the 5V used for digital circuits
The LM112 series are the first IC amplifiers to improve reli-
ability by including overvoltage protection for the MOS com-
pensation capacitor Without this feature IC’s have been
known to suffer catastrophic failure caused by short-dura-
tion overvoltage spikes on the supplies Unlike other inter-
nally-compensated IC amplifiers it is possible to overcom-
pensate with an external capacitor to increase stability mar-
gin
The LM212 is identical to the LM112 except that the LM212
has its performance guaranteed over a b25 Cto a85 C
temperature range instead of b55 Cto a125 C The
LM312 is guaranteed over a 0 Cto a70 C temperature
range
Features
Y
Maximum input bias current of 3 nA over temperature
Y
Offset current less than 400 pA over temperature
Y
Low noise
Y
Guaranteed drift specifications
Connection Diagram
Metal Can Package
TLH7751 – 4
Top View
Order Number LM112H LM212H LM312H or LM112H883
See NS Package Number H08C
Auxiliary Circuits
Offset Balancing
TLH7751 – 2
Overcompensation for Greater Stability Margin
TLH7751 – 3
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM112 TI-LM112 Datasheet
451Kb / 3P
OPERATIONAL AMPLIFIERS/BUFFERS
LM112 TI1-LM112 Datasheet
450Kb / 8P
Operational Amplifiers
logo
Connor-Winfield Corpora...
LM112-155.52M CONNOR-WINFIELD-LM112-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Texas Instruments
LM112-N TI1-LM112-N Datasheet
450Kb / 8P
LM112 LM212 LM312 Operational Amplifiers
LM112D TI-LM112D Datasheet
451Kb / 3P
OPERATIONAL AMPLIFIERS/BUFFERS
More results

Similar Description - LM112

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UM605B UTC-UM605B_15 Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com