Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCR
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCR Datasheet(HTML) 30 Page - Texas Instruments

Back Button BQ76PL455APFCR Datasheet HTML 26Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 27Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 28Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 29Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 30Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 31Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 32Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 33Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 125 page
background image
COMM+
COMM–
rec_in
start
0
1
1
1
0
0
1
0
framing
125 ns
250 ns
30
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
The base device sends and receives data through UART at variable baud rates from 125 kb/s to 1 Mb/s. The
VBUS daisy chain operates at a fixed, nominal, data rate of 4 Mb/s using a proprietary asynchronous protocol.
Each byte is sent as 10 bits at 250 ns/bit or 2.5 µs/byte. The bottom device retransmits data from/to the
differential serial interface on the single-ended interface connected to the host system at the baud rate selected
for the single-ended serial interface. All bq76PL455As in the daisy-chain should be set to the same baud rate to
align timing between the devices.
The VBUS interface uses a modified version of the UART protocol so it can easily translate to/from the UART
protocol. Transmission of a bit requires 250 ns, including both half-bits. It is effectively a 4-MHz signal that is
phase-shift keyed, so the resulting transmission will have both 4-MHz and 2-MHz components. See Figure 18 for
additional information.
7.3.10.2 Protocol Description
The differential VBUS uses an asynchronous byte-transfer protocol with one start bit, eight data bits, and an
optional framing bit. The start bit is always a zero. Duplication of the LSB-first data occurs so that the
transmission has no DC content. A zero is transmitted as one half-bit period low followed by one half-bit period
high. Transmission of a one is as one half-bit period high followed by one half-bit period low. A framing bit of one
will cause the byte to be discarded and the byte abort flag (FAULT_COM[ABORT_H or ABORT_L]) to be set.
Since the data transmit on the differential interface as it is being received from the single-ended UART interface,
this is used to indicate that an erroneous stop bit was detected.
Each time the bq76PL455A detects a byte with a framing bit of zero, it is interpreted as a frame-initialization byte.
If the prior frame was not completed, FAULT_COM[FRAM_ERR] is set.
If detection of the start bit occurs, the receiver samples the input on the fourth clock edge to produce the bit.
Since a bit is always immediately followed by its complement, the two will be compared and the complement
error flag (FAULT_COM[COMP_ERR_H or COMP_ERR_L]) is set if they are not opposites. The first time such
an error occurs during a frame, the assumption is that the first sampling of the bit (not the complement) is the
correct one. (If this choice is incorrect, it should detect it as a CRC failure.) If such an error occurs more than
once during a frame, the fatal-complement error flag (FAULT_COM[COMP_FLT_H or COMP_FLT_L]) is set and
the frame ignored. Since the device ignores the remainder of the frame, a FRAM_ERR occurs when the next
frame arrives.
While receiving a byte, the receiver will resynchronize on every falling edge. A falling edge is expected at least
once every 3 bits. If the expected sampling point of the fourth bit does not detect a falling edge, the edge error
flag (FAULT_COM[EDGE_ERR_H or EDGE_ERR_L]) will be set and the receiver will return to idle, discarding
the frame.
If the bq76PL455A device detects eight consecutive edge errors on the low-side interface (COMM_L+/–) with no
valid bytes being received, the block will be reset in the same manner as SOFT_RESET. This allows a wakeup
tone from the chip below in the stack to cause the part to reset.
Figure 18. VBUS Data Example, 0x4E Sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com