Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCR Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCR
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCR Datasheet(HTML) 81 Page - Texas Instruments

Back Button BQ76PL455APFCR Datasheet HTML 77Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 78Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 79Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 80Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 81Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 82Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 83Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 84Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 125 page
background image
81
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
BIT
NAME
DESCRIPTION
[1]
NEW_DATA
This read-only bit indicates ADC conversion data are available when set. Writing to the bit has no
effect.
The bit is reset by reading any conversion result (sample) data.
This can be used to tell if some new data have been collected since the last COMMAND to report
sample data. This only indicates if some sample has been collected since the last report. It does
not track what channel was reported or collected. This bit will not be set by the automatic internal
temperature sampling or initialization sampling.
[0]
SYS_INIT
Write '1': Stop waiting for VM and continue with initialization.
Write '0': No effect
Read '0': System initialization is complete.
Read '1': System initialization is in progress.
This can be useful to speed up the wakeup sequence. Device accuracy may be impaired and is
not specified until VM is in the correct range.
This is useful when waking the device quickly for self-testing purposes or performing tests that will
cause shutdown or reset. Setting this bit allows code to perform other functions while waiting for
VM to ramp up.
7.6.3.27 FAULT_SUM 0x52–53 (82–83) Fault Summary
BIT
NAME
DESCRIPTION
[15]
UV_FAULT_SUM
For each of these bits:
Write '1': Reset all fault conditions of this type.
Write '0': No effect
Read '1': One or more of the individual fault bits of this type are currently set.
These bits always reflect the state of the underlying bits in the other fault registers, which may be
latched or not, depending on the setting of the DEVCONFIG[UNLATCHED_FAULT] bit.
[14]
OV_FAULT_SUM
[13]
AUXUV_FAULT_SUM
[12]
AUXOV_FAULT_SUM
[11]
CMPUV_FAULT_SUM
[10]
CMPOV_FAULT_SUM
[9]
COMM_FAULT_SUM
[8]
SYS_FAULT_SUM
[7]
CHIP_FAULT_SUM
[6]
GPI_FAULT_SUM
[5:0]
RSVD
Reserved — always read as zero.
7.6.3.28 FAULT_UV 0x54–55 (84–85) Cell Undervoltage Fault
BIT
NAME
DESCRIPTION
[15:0]
UV_FAULT
For each bit in this bitmask:
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': The stored result for the corresponding battery channel is less than UV_THRES_CELL.
UV_FAULT[0] corresponds to cell 1.
If UNLATCHED_FAULT is set, this register is self-clearing.
7.6.3.29 FAULT_OV 0x56–57 (86–87) Cell Overvoltage Fault
BIT
NAME
DESCRIPTION
[15:0]
OV_FAULT
For each bit in this bitmask:
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': The stored result for the corresponding battery channel is greater than
OV_THRES_CELL. OV_FAULT[0] corresponds to cell 1.
If UNLATCHED_FAULT is set, this register is self-clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com