Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ486EP Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SQJ486EP
Description  Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ486EP Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SQJ486EP Datasheet HTML 5Page - Vishay Siliconix SQJ486EP Datasheet HTML 6Page - Vishay Siliconix SQJ486EP Datasheet HTML 7Page - Vishay Siliconix SQJ486EP Datasheet HTML 8Page - Vishay Siliconix SQJ486EP Datasheet HTML 9Page - Vishay Siliconix SQJ486EP Datasheet HTML 10Page - Vishay Siliconix SQJ486EP Datasheet HTML 11Page - Vishay Siliconix SQJ486EP Datasheet HTML 12Page - Vishay Siliconix SQJ486EP Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Package Information
www.vishay.com
Vishay Siliconix
C14-0057-Rev. D, 07-Apr-14
1
Document Number: 62714
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® SO-8L Assymetric Case Outline
Note
• Millimeters will govern
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.00
1.07
1.14
0.039
0.042
0.045
A1
0.00
0.06
0.13
0.000
0.003
0.005
b
0.33
0.41
0.48
0.013
0.016
0.019
b1
0.44
0.51
0.58
0.017
0.020
0.023
b2
4.80
4.90
5.00
0.189
0.193
0.197
b3
0.04
0.12
0.20
0.002
0.005
0.008
c
0.20
0.25
0.30
0.008
0.010
0.012
D
5.00
5.13
5.25
0.197
0.202
0.207
D1
4.80
4.90
5.00
0.189
0.193
0.197
D2
3.63
3.73
3.83
0.143
0.147
0.151
D3
0.81
0.91
1.01
0.032
0.036
0.040
D4
1.98
2.08
2.18
0.078
0.082
0.086
D5
1.47
1.57
1.67
0.058
0.062
0.066
e
1.20
1.27
1.34
0.047
0.050
0.053
E
6.05
6.15
6.25
0.238
0.242
0.246
E1
4.27
4.37
4.47
0.168
0.172
0.176
E2
2.75
2.85
2.95
0.108
0.112
0.116
E3
1.89
1.99
2.09
0.074
0.078
0.082
F
0.05
0.12
0.19
0.002
0.005
0.007
L
0.62
0.72
0.82
0.024
0.028
0.032
L1
0.92
1.07
1.22
0.036
0.042
0.048
K
0.41
0.51
0.61
0.016
0.020
0.024
K1
0.64
0.74
0.84
0.025
0.029
0.033
K2
0.54
0.64
0.74
0.021
0.025
0.029
W
0.13
0.23
0.33
0.005
0.009
0.013
W1
0.31
0.41
0.51
0.012
0.016
0.020
W2
2.72
2.82
2.92
0.107
0.111
0.115
W3
2.86
2.96
3.06
0.113
0.117
0.120
W4
0.41
0.51
0.61
0.016
0.020
0.024
θ
5°
10°
12°
5°
10°
12°
DWG: 6009
PIN 1
PIN 1
0.25 gauge line
b3
K2
A1
K1
D4
D3
D5
b2
D1
D
e
D2
b
b1
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com