Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ486EP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQJ486EP
Description  Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ486EP Datasheet(HTML) 1 Page - Vishay Siliconix

  SQJ486EP Datasheet HTML 1Page - Vishay Siliconix SQJ486EP Datasheet HTML 2Page - Vishay Siliconix SQJ486EP Datasheet HTML 3Page - Vishay Siliconix SQJ486EP Datasheet HTML 4Page - Vishay Siliconix SQJ486EP Datasheet HTML 5Page - Vishay Siliconix SQJ486EP Datasheet HTML 6Page - Vishay Siliconix SQJ486EP Datasheet HTML 7Page - Vishay Siliconix SQJ486EP Datasheet HTML 8Page - Vishay Siliconix SQJ486EP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SQJ202EP
www.vishay.com
Vishay Siliconix
S15-2474-Rev. A, 19-Oct-15
1
Document Number: 62926
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified d
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Package limited.
b. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
c. When mounted on 1" square PCB (FR4 material).
d. Parametric verification ongoing.
e. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8L is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
f. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
N-CHANNEL 1
N-CHANNEL 2
VDS (V)
12
12
RDS(on) (
Ω) at VGS = 10 V
0.0065
0.0033
RDS(on) (
Ω) at VGS = 4.5 V
0.0093
0.0045
ID (A)
20
60
Configuration
Dual N
Package
PowerPAK® SO-8L Dual Asymmetric
PowerPAK®
SO-8L Dual Asymmetric
Bottom View
2
G
1
3
S
2
4
G
2
1
S
1
D2
D1
Top View
1
5.13
mm
1
5
13
m
m
N-Channel 1 MOSFET
D1
G1
S1
N-Channel 2 MOSFET
D2
G2
S2
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
N-CHANNEL 1
N-CHANNEL 2
UNIT
Drain-Source Voltage
VDS
12
12
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current a
TC = 25 °C
ID
20
60
A
TC = 125 °C
20
60
Continuous Source Current (Diode Conduction)
IS
20a
44
Pulsed Drain Current b
IDM
80
180
Single Pulse Avalanche Current
L = 0.1 mH
IAS
18
18
Single Pulse Avalanche Energy
EAS
16.2
16.2
mJ
Maximum Power Dissipation b
TC = 25 °C
PD
27
48
W
TC = 125 °C
9
16
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
Soldering Recommendations (Peak Temperature) e, f
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
N-CHANNEL 1
N-CHANNEL 2
UNIT
Junction-to-Ambient
PCB Mount c
RthJA
85
85
°C/W
Junction-to-Case (Drain)
RthJC
5.5
3.1


Similar Part No. - SQJ486EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ486EP VISHAY-SQJ486EP Datasheet
223Kb / 10P
Automotive N-Channel 75 V (D-S) 175 °C MOSFET
07-Mar-2022
SQJ486EP-T1-GE3 VISHAY-SQJ486EP-T1-GE3 Datasheet
241Kb / 11P
Automotive N-Channel 75 V (D-S) 175 °C MOSFET
14-Jul-14
SQJ486EP VISHAY-SQJ486EP_15 Datasheet
237Kb / 12P
Automotive N-Channel 75 V (D-S) 175 °C MOSFET
14-Jul-14
SQJ486EP VISHAY-SQJ486EP_V01 Datasheet
241Kb / 11P
Automotive N-Channel 75 V (D-S) 175 °C MOSFET
14-Jul-14
More results

Similar Description - SQJ486EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ942EP VISHAY-SQJ942EP Datasheet
269Kb / 14P
Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
01-Apr-13
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
18-Mar-13
SQJ202EP VISHAY-SQJ202EP_V01 Datasheet
360Kb / 12P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
19-Oct-15
SQJ204EP VISHAY-SQJ204EP_V01 Datasheet
407Kb / 13P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
07-May-2018
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Apr-13
SQJ200EP VISHAY-SQJ200EP_V02 Datasheet
355Kb / 14P
Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFETs
05-Oct-15
SQJ202EP VISHAY-SQJ202EP_V02 Datasheet
359Kb / 12P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
19-Oct-15
SQJ204EP VISHAY-SQJ204EP_V02 Datasheet
406Kb / 13P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
07-May-2018
SQJ208EP VISHAY-SQJ208EP_V02 Datasheet
481Kb / 12P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
21-Jan-2019
SQJ260EP VISHAY-SQJ260EP_V02 Datasheet
416Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
15-May-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com