Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1706E/2K Datasheet(PDF) 13 Page - Texas Instruments

Part # DF1706E/2K
Description  Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DF1706E/2K Datasheet(HTML) 13 Page - Texas Instruments

Back Button DF1706E/2K Datasheet HTML 8Page - Texas Instruments DF1706E/2K Datasheet HTML 9Page - Texas Instruments DF1706E/2K Datasheet HTML 10Page - Texas Instruments DF1706E/2K Datasheet HTML 11Page - Texas Instruments DF1706E/2K Datasheet HTML 12Page - Texas Instruments DF1706E/2K Datasheet HTML 13Page - Texas Instruments DF1706E/2K Datasheet HTML 14Page - Texas Instruments DF1706E/2K Datasheet HTML 15Page - Texas Instruments DF1706E/2K Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DF1706
13
SBAS182
ATC
Attenuator Control.
This bit is used to determine whether the Left
and Right channel attenuators operate with inde-
pendent data, or use common data (the Left
channel data in bits AL[7:0] of register MODE0).
When ATC = 0, the Left and Right channel
attenuator data is independent.
When ATC = 1, the Left and Right channel
attenuators use common data.
SRO
Digital Filter Roll-Off Selection.
When SRO = 0, sharp roll-off is selected.
When SRO = 1, slow roll-off is selected.
CKO
CLKO Output Frequency Selection.
When CKO = 0, the CLKO frequency is the
same as the clock at the XTI input.
When CKO =1, the CLKO frequency is half of
the XTI input clock frequency.
SF[1:0]
Sampling Frequency Selection for the De-Em-
phasis Function.
SF1 SF0
Description
0
0
44.1 kHz
0
1
Reserved
1
0
48 kHz
1
1
32 kHz
APPLICATIONS INFORMATION
PCB LAYOUT GUIDELINES
In order to obtain the specified performance from the DF1706
and its associated D/A converters, proper printed circuit
board layout is essential. Figure 11 shows two approaches
for obtaining the best audio performance.
Figure 11(a) shows a standard, mixed signal layout scheme.
The board is divided into digital and analog sections, each
with its own ground. The ground areas should be put on a
split-plane, separate from the routing and power layers. The
DF1706 and all digital circuitry should be placed over the
digital section, while the audio D/A converter(s) and analog
circuitry should be located over the analog section of the
board. A common connection between the digital and analog
grounds is required and is done at a single point as shown.
For Figure 11(a), digital signals should be routed from the
DF1706 to the audio D/A converter(s) using short, direct
connections
to reduce the amount of radiated high-fre-
quency energy. If necessary, series resistors may be placed
in the clock and data signal paths to reduce or eliminate any
overshoot or undershoot present on these signals. A value of
50
Ω to 100Ω is recommended as a starting point, but the
designer should experiment with the resistor values in order
to obtain the best results.
Figure 11(b) shows an improved method for high-perfor-
mance, mixed signal board layout. This method adds digital
isolation between the DF1706 and the audio D/A converter(s),
and provides complete isolation between the digital and
analog sections of the board. The ISO150 dual digital
coupler provides excellent isolation, and operates at speeds
up to 80Mbps.
POWER SUPPLIES AND BYPASSING
The DF1706 requires a single +5V power supply for opera-
tion. The power supply should be bypassed by a 10
µF and
0.1
µF parallel capacitor combination. The capacitors should
be placed as close as possible to VDD (pin 22). Aluminum
electrolytics or tantalum capacitors can be used for the 10
µF
value, while ceramics may be used for the 0.1
µF value.
BASIC CIRCUIT CONNECTIONS
See Figures 12 and 13 for basic circuit connections of the
DF1706. Figure 12 shows connections for Hardware mode
controls, while Figure 13 shows connections for Software
mode controls. Notice the placement of C1 and C2 in both
figures, as they are physically close to the DF1706.
TYPICAL APPLICATIONS
The DF1706 will typically be used in high performance
audio equipment, in conjunction with high performance
audio D/A converters. Figure 14 shows a typical application
circuit example, employing the DF1706, a digital audio
receiver, and two PCM1704 24-bit, 192kHz audio D/A
converter(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com