Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1706E/2K Datasheet(PDF) 15 Page - Texas Instruments

Part # DF1706E/2K
Description  Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DF1706E/2K Datasheet(HTML) 15 Page - Texas Instruments

Back Button DF1706E/2K Datasheet HTML 8Page - Texas Instruments DF1706E/2K Datasheet HTML 9Page - Texas Instruments DF1706E/2K Datasheet HTML 10Page - Texas Instruments DF1706E/2K Datasheet HTML 11Page - Texas Instruments DF1706E/2K Datasheet HTML 12Page - Texas Instruments DF1706E/2K Datasheet HTML 13Page - Texas Instruments DF1706E/2K Datasheet HTML 14Page - Texas Instruments DF1706E/2K Datasheet HTML 15Page - Texas Instruments DF1706E/2K Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DF1706
15
SBAS182
FIGURE 12. Basic Circuit Connections, Hardware Control.
FIGURE 13. Basic Circuit Connection, Software Control.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D
IN
BCKIN
I2S
IW0
IW1
XTI
XTO
V
SS
CLKO
MODE
MD/CKO
MC/LRIP
ML/RESV
RST
28
27
26
25
24
23
22
21
20
19
18
17
16
15
LRCIN
SRO
BCKO
WCKO
DOL
DOR
V
DD
x4
OW1
OW0
SF1
SF0
DEM
MUTE
DF1706
Digital
Logic
or
Manual
Controls
NOTE: Do not allow pins 3-5, 11-20, and 27 to float. These pins should be manually
connected to V
DD or DGND (hardwired, switch, jumper) or actively driven by logic.
(optional)
XTAL
D/A
Converters
or
Digital
Couplers
Audio
Data
and
Clock
Source
+3.3V
+
C
1
0.1
µF
C
2
10
µF
22pF
22pF
7
7
= DGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DIN
BCKIN
I2S
IWO
IW1
XTI
XTO
V
SS
CLKO
MODE
MD
MC
ML
RST
28
27
26
25
24
23
22
21
20
19
18
17
16
15
LRCIN
SRO
BCKO
WCKO
DOL
DOR
V
DD
x4
OW1
OW0
SF1
SF0
DEM
MUTE
DF1706
Controller
or
Logic
+3.3V
(optional)
XTAL
D/A
Converters
or
Digital
Couplers
C
2
10
µF
+5V
+
C
1
0.1
µF
Audio
Data
and
Clock
Source
22pF
22pF
= DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com