Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM6382F Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # DM6382F
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6382F Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DM6382F Datasheet HTML 10Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 11Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 12Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 13Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 14Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 15Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 16Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 17Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
14
Final
Version: DM336P-DS-F02
August 15, 2000
5. Plug and Play (PnP) Module
a. Auto-configuration Ports
Three 8-bit I/O ports are defined for the PnP
read/write operations. They are called Auto-
configuration ports as listed below.
Port
Type
Location
ADDRESS
W
0279H
(Printer status port)
WRITE_
DATA
W
0A79H
(Printer status port + 0800H)
READ_
DATA
R
Relocatable in range
0203H to 03FFH
To access the Plug and Play Register, a host should
follow this procedure: Write a target register address
(Register Index), choose a port (WRITE_DATA or
READ_DATA), then enter data. But Plug & Play
Register could be directly accessed without the need
to write to the ADDRESS port before each access.
The ADDESS port is also the write destination of the
initiation key, which will be described later.
b.
Plug and Play Registers
The Plug and Play Registers may be divided into
Card Registers and Logical Device Registers.
According to the Plug & Play specification, if a PnP
card contains more than one logical device, there are
one more copies of Logical Device Registers in the
PnP card. However, the DM6383A contains only one
logical device, the Card Register and Logical Device
Registers are unique for each card. Those PnP
registers or bits not defined below are all read with
value = 0.
(1) Card Control Registers
Index
Name
Type
Definition
00H
Set RD_DATA port
W
The location of the READ_DATA port is determined by writing to this
register. Bits [7:0] become ISA I/O read port address bits [9:2]. Address
bits [1:0] of the READ_DATA port are always 1.
01H
Serial Isolation
R
A read to this register causes a PnP card in the Isolation state to compare
one bit of the card serial ID. This process is described in more detail in the
next section.
02H
Config Control
W
Bit [0] - Reset Command Setting
This bit will reset all logical devices and restore configuration registers to
their power-up values. The CSN is preserved.
Bit [1] - Wait for Key Command Setting
This bit makes the PnP card return to the Wait for Key state. The CSN is
preserved.
Bit [2] - PnP Reset CSN Command Setting
This bit will reset the card CSN to 0. Note that the hardware will
automatically clear the bits without any need for software to clear them.
03H
Wake [CSN]
W
A write to this register will cause all cards that have a CSN that matches
the write data [7:0] to go from the Sleep state to either the 1) Isolation
state if the write data for this command is zero, or 2) Configuration state if
the write data is not zero.
04H
Resource Data
R
A read from this register reads the next byte of resource data. The Status
Register must be polled until bit[0] is set before this register may be read.
05H
Status
R
Bit [0], when set, indicates it is ready to read the next data byte from the
Resource Data Register.
06H
Card Select Number
(CSN)
R/W A write to this register sets a card CSN. After a serial identification
process, the CSN value (CSN) is uniquely assigned to each ISA PnP card
so that each card may be individually selected during a Wake[CSN]
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com