Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM6383F Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DM6383F
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6383F Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DM6383F Datasheet HTML 9Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 10Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 11Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 12Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 13Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 14Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 15Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 16Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Final
13
Version: DM336P-DS-F02
August 15, 2000
h. Modem Status Register (MSR): Address 6
Reset State bit 0-3 : low , bit 4-7: Input Signal
bit7 bit6 bit5 bit4
bit3
bit2
bit1
bit0
DCD
RI
DSR CTS DDCD TERI DDSR DCTS
This 8-bit register provides the current state of the
control lines from the Modem to the CPU. In addition,
four bits of the Modem Status Register provide
change information. These bits are set to a logic 1
whenever a control input from the Modem changes
state. They are reset to logic 0 whenever the CPU
reads the Modem Status Register.
Bit 0: This bit is the Delta Clear to Send (DCTS)
indicator. Bit 0 indicates that the CTS (MSCR3)
has changed state since the last time it was
read by the CPU.
Bit 1: This bit is the Delta Data Set Ready (DDSR)
indicator. Bit 1 indicates that the DSR (MSCR2)
has changed state since the last time it was
read by the CPU.
Bit 2: This bit is the Trailing Edge of Ring indicator. Bit
2 indicates that the RI (MSCR0) has changed
from a low to a high state.
Bit 3: This bit is the Delta Data Carrier Detect (DDCD)
indicator. Bit 3 indicates that the DCD (MSCR1)
has changed state.
Note: Whenever bit 0, 1, 2 or 3 is set to a logic 1, a
Modem Status Interrupt is generated.
Bit 4: This bit reflects the value of MSCR3
(CTS).
Bit 5: This bit reflects the value of MSCR2
(DSR).
Bit 6: This bit reflects the value of MSCR0 (RI).
Bit 7: This bit reflects the value of MSCR1
(DCD).
i. Scratch Register (SCR): Address 7
Reset State 00h
This 8-bit Read/Write Register does not control the
UART in any way. It is intended as a Scratch Pad
Register to be used by the programmer to hold data
temporarily.
j. Divisor Latch (DLL): Address 0 (DLAB = 1)
Reset State 00h
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
DAT7 DAT6 DAT5 DAT4 DAT3 DAT2 DAT1 DAT0
This register contains baud rate information from the
host PC. The PC sets the Divisor Latch Register
values.
k. Divisor Latch (DLM): Address 1 (DLAB = 1)
Reset State 00h
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
DAT7 DAT6 DAT5 DAT4 DAT3 DAT2 DAT1 DAT0
This register contains baud rate information from the
host PC.
Note: Two 8-bit latches (DLL-DLM) store the divisor in
16-digit binary format. The desired baud rate
can be obtained by dividing the 115200Hz clock
by the divisor.
Desired Baud Rate
Divisor Value
50
2304
75
1536
110
1047
150
768
300
384
600
192
1200
96
2400
48
4800
24
9600
12
19200
6
38400
3
57600
2
115200
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com