Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM6383F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM6383F
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6383F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM6383F Datasheet HTML 1Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 2Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 3Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 4Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 5Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 6Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
2
Final
Version: DM336P-DS-F02
August 15, 2000
Table of Contents
General Description ............................................... 1
Block Diagram ....................................................... 1
Features ................................................................ 3
Chipset
• Chip 1: DM6383 Modem Controller Unit with PnP
for ISA (MCU)
DM6383 Description ........................................... 4
DM6383 Block Diagram ...................................... 4
DM6383 Features ............................................... 4
DM6383 Pin Configuration .................................. 5
DM6383 Pin Description ..................................... 6
DM6383 Functional Description .......................... 8
1. Operating Mode Selection............................ 8
2. Micro-controller (8031) Reference ................ 8
3. Micro-controller Register Description............ 8
4. UART (16550A) Emulation Registers ........... 9
5. Plug and Play (PnP) Module .......................14
DM6383 Absolute Maximum Ratings .................20
DM6383 DC Electrical Characteristics ................21
DM6383 AC Electrical Characteristics & Timing
Waveforms .....................................................21
• Chip 2: DM6381/DM6382 ITU-T V.34 TX and RX
Digital Signal Processor (TX DSP and RX
DSP) Description
DM6381/82 Description .....................................22
DM6381/82 Block Diagram ................................22
DM6381/82 Features .........................................22
DM6381/82 Pin Configuration ............................23
DM6381/82 Pin Description ...............................24
DM6381/82 Functional Description ....................26
1. System Clock .............................................26
2. Serial Port ..................................................26
3. Dual Port RAM ...........................................26
4. Interrupt......................................................26
DM6381/82 Absolute Maximum Ratings ............26
DM6381/82 DC Electrical Characteristics...........27
DM6381/82 AC Electrical Characteristics & Timing
Waveforms.....................................................27
• Chip 3: DM6380 Analog Front End (AFE)
Description
DM6380 Description ..........................................29
DM6380 Block Diagram .....................................29
DM6380 Features..............................................30
DM6380 Pin Configuration .................................30
DM6380 Pin Description ....................................31
DM6380 Functional Description .........................31
DM6380 Absolute Maximum Ratings .................32
DM6380 DC Characteristics...............................32
DM6380 AC Characteristics & Timing Waveforms
..........................................................................33
DM6380 Performance........................................33
Application Circuit (for reference only)...................34
Package Information.............................................38
Ordering Information.............................................40
Company Overview ..............................................40
Contact Windows..................................................40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com