Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM109K Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM109K
Description  5-Volt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM109K Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM109K Datasheet HTML 1Page - National Semiconductor (TI) LM109K Datasheet HTML 2Page - National Semiconductor (TI) LM109K Datasheet HTML 3Page - National Semiconductor (TI) LM109K Datasheet HTML 4Page - National Semiconductor (TI) LM109K Datasheet HTML 5Page - National Semiconductor (TI) LM109K Datasheet HTML 6Page - National Semiconductor (TI) LM109K Datasheet HTML 7Page - National Semiconductor (TI) LM109K Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Typical Applications (Continued)
High Stability Regulator*
DS007138-5
*Regulation better than 0.01%, load, line and temperature, can be obtained.
†Determines zener current. May be adjusted to minimize thermal drift.
‡Solid tantalum.
Current Regulator
DS007138-6
*Determines output current. If wirewound resistor is used, bypass with 0.1 µF.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com