Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM109K Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM109K
Description  5-Volt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM109K Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM109K Datasheet HTML 1Page - National Semiconductor (TI) LM109K Datasheet HTML 2Page - National Semiconductor (TI) LM109K Datasheet HTML 3Page - National Semiconductor (TI) LM109K Datasheet HTML 4Page - National Semiconductor (TI) LM109K Datasheet HTML 5Page - National Semiconductor (TI) LM109K Datasheet HTML 6Page - National Semiconductor (TI) LM109K Datasheet HTML 7Page - National Semiconductor (TI) LM109K Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM109/LM309
5-Volt Regulator
General Description
The LM109 series are complete 5V regulators fabricated on
a single silicon chip. They are designed for local regulation
on digital logic cards, eliminating the distribution problems
association with single-point regulation. The devices are
available in two standard transistor packages. In the
solid-kovar TO-5 header, it can deliver output currents in ex-
cess of 200 mA, if adequate heat sinking is provided. With
the TO-3 power package, the available output current is
greater than 1A.
The regulators are essentially blowout proof. Current limiting
is included to limit the peak output current to a safe value. In
addition, thermal shutdown is provided to keep the IC from
overheating. If internal dissipation becomes too great, the
regulator will shut down to prevent excessive heating.
Considerable effort was expended to make these devices
easy to use and to minimize the number of external compo-
nents. It is not necessary to bypass the output, although this
does improve transient response somewhat. Input bypass-
ing is needed, however, if the regulator is located very far
from the filter capacitor of the power supply. Stability is also
achieved by methods that provide very good rejection of load
or line transients as are usually seen with TTL logic.
Although designed primarily as a fixed-voltage regulator, the
output of the LM109 series can be set to voltages above 5V,
as shown. It is also possible to use the circuits as the control
element in precision regulators, taking advantage of the
good current-handling capability and the thermal overload
protection.
Features
n Specified to be compatible, worst case, with TTL and
DTL
n Output current in excess of 1A
n Internal thermal overload protection
n No external components required
Schematic Diagram
DS007138-1
April 1998
© 1999 National Semiconductor Corporation
DS007138
www.national.com


Similar Part No. - LM109K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM109K TI2-LM109K Datasheet
371Kb / 13P
LM109/LM309 5-Volt Regulator
April 1998
LM109K STEEL TI2-LM109K STEEL Datasheet
371Kb / 13P
LM109/LM309 5-Volt Regulator
April 1998
LM109K STEEL/NOPB TI2-LM109K STEEL/NOPB Datasheet
371Kb / 13P
LM109/LM309 5-Volt Regulator
April 1998
LM109K/883 TI1-LM109K/883 Datasheet
696Kb / 15P
LM109QML 5-Volt Regulator
LM109KSTEEL TI2-LM109KSTEEL Datasheet
371Kb / 13P
LM109/LM309 5-Volt Regulator
April 1998
More results

Similar Description - LM109K

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
5 Volt, 5 Amp Voltage Regulator
logo
Seme LAB
IP120AH-05 SEME-LAB-IP120AH-05 Datasheet
29Kb / 2P
5 VOLT NEGATIVE VOLTAGE REGULATOR
LM79M05AHX SEME-LAB-LM79M05AHX Datasheet
32Kb / 2P
5 VOLT NEGATIVE VOLTAGE REGULATOR
logo
Texas Instruments
LM109QML TI1-LM109QML Datasheet
696Kb / 15P
LM109QML 5-Volt Regulator
logo
List of Unclassifed Man...
LM109JAN ETC2-LM109JAN Datasheet
788Kb / 16P
5-Volt Regulator
logo
Linear Technology
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Texas Instruments
LM109 TI-LM109_15 Datasheet
267Kb / 10P
5-Volt Regulator
LM109JAN TI-LM109JAN_15 Datasheet
294Kb / 13P
LM109JAN 5-Volt Regulator
LM109QML TI-LM109QML_15 Datasheet
452Kb / 17P
LM109QML 5-Volt Regulator
LM109 TI1-LM109_11 Datasheet
296Kb / 10P
5-Volt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com